Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3301MPX Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB3301MPX
Description  Controller for Controller for Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3301MPX Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB3301MPX Datasheet HTML 1Page - ON Semiconductor FUSB3301MPX Datasheet HTML 2Page - ON Semiconductor FUSB3301MPX Datasheet HTML 3Page - ON Semiconductor FUSB3301MPX Datasheet HTML 4Page - ON Semiconductor FUSB3301MPX Datasheet HTML 5Page - ON Semiconductor FUSB3301MPX Datasheet HTML 6Page - ON Semiconductor FUSB3301MPX Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2018 − Rev. 2
1
Publication Order Number:
FUSB3301/D
FUSB3301
USB Type-C Controller for
Mobile Chargers and Power
Adapters
Description
The FUSB3301 is an autonomous Source only Type−C controller
optimized for mobile chargers and power adapters. It broadcasts the
available current of the charger over CC1/CC2 using the USB Type−C
standard and prevents VBUS from being asserted until a valid
connection has been verified. It can be used for up to 15 W charging
using Type−C protocols. The FUSB3301 has very low standby power
consumption and is packaged in a 0.5 mm pitch MLP to accommodate
power adapter PCBs.
Features
• Fully Autonomous Type−C Controller
• Supports Type−C Version 1.2
• Fixed Source Mode
• Low Standby Power: ICC = 5 mA (Typical)
• VBUS Switch Control
• Advertises Three Standard Type−C VBUS Current Levels
(900 mA, 1.5 A, 3.0 A)
• 2 kV HBM ESD Protection
• 10 Lead MLP Package
• VDD Operating Range, 3.0 V − 5.5 V
Applications
• USB Type−C Power Ports
• Mobile Chargers
• Power Adapters
• AC−DC Adapters
www.onsemi.com
WDFN
10 LEAD
CASE 511DM
MARKING DIAGRAM
NZ
NZ = Specific Device Marking
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
PIN ASSIGNMENT
CC2
VDD
GND
SW
HOST2
CC1
NC1
NC2
NC3
HOST1
(Top View)


Similar Part No. - FUSB3301MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB3307 ONSEMI-FUSB3307 Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6MNWTWG ONSEMI-FUSB3307D6MNWTWG Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6MX ONSEMI-FUSB3307D6MX Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307D6VMNWTWG ONSEMI-FUSB3307D6VMNWTWG Datasheet
616Kb / 21P
USB Power Delivery 3.0 Adaptive Source Charging Controller
July, 2020 ??Rev. 0
FUSB3307MPX-PPS-GEVB ONSEMI-FUSB3307MPX-PPS-GEVB Datasheet
5Mb / 24P
USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
More results

Similar Description - FUSB3301MPX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM1011 STMICROELECTRONICS-TSM1011 Datasheet
167Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Sep-2003
TSM1052 STMICROELECTRONICS-TSM1052 Datasheet
254Kb / 15P
Constant voltage and constant current controller for battery chargers and adapters
20-Feb-2007
TSM1052 STMICROELECTRONICS-TSM1052_08 Datasheet
260Kb / 15P
Constant voltage and constant current controller for battery chargers and adapters
07-Feb-2008
TSM1011_0311 STMICROELECTRONICS-TSM1011_0311 Datasheet
170Kb / 9P
Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Nov-2003
L6566BH STMICROELECTRONICS-L6566BH Datasheet
1Mb / 51P
Multimode controller for SMPS
16-Apr-2012
logo
KODENSHI_AUK CORP.
SN71052 KODENSHI-SN71052 Datasheet
347Kb / 6P
Constant voltage and constant current controller for battery chargers and adapters
logo
Unisonic Technologies
RCT02 UTC-RCT02_15 Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
logo
STMicroelectronics
STCH02 STMICROELECTRONICS-STCH02 Datasheet
729Kb / 24P
Offline PWM controller for ultra-low standby adapters
15-Dec-2015
logo
Dialog Semiconductor
IW656 DIALOG-IW656 Datasheet
498Kb / 8P
USB Power Delivery Controller for AC/DC Power Adapters
logo
List of Unclassifed Man...
FC1306T ETC2-FC1306T Datasheet
1Mb / 27P
Single Chip Controller for PC ATA Card Adapters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com