Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201860 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201860
Description  Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201860 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201860 Datasheet HTML 1Page - PHOENIX CONTACT 2201860 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2201860
10/04/2018   Page 1 / 2
Electronic housing - ME 35 UT/FE BUS/10+2 KMGY - 2201860
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Component housing, length: 99 mm, with vents, Lower part, Cross connection: integrated bus connector,
color: light gray, width: 35 mm, height: 114.5 mm, number of positions cross connector: 10+2
Why buy this product
 Item is from the ME product range
 Tool-free mounting
 Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
 Inflammability class V0 according to UL 94
 Variety of connection technologies
 Can be mounted on the DIN rail
 Optional bus connector that is either integrated or mounted on the DIN rail
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4046356993296
Technical data
General
Housing type
Component housing
Housing material
Polyamide
Color (RAL)
light gray
Ambient conditions
Ambient temperature (operation)
-40 °C ... 105 °C (depending on power dissipation)
Dimensions
Length
99 mm
Height
114.5 mm
Width
35 mm


Similar Part No. - 2201860

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201861 PHOENIX-2201861 Datasheet
306Kb / 8P
ME 22,5 SF-UT KMGY - Mounting base housing
logo
TE Connectivity Ltd
2201864-1 TEC-2201864-1 Datasheet
150Kb / 7P
INDUSTRIAL MINI I/O CONNECTOR
2201864-1 TEC-2201864-1 Datasheet
150Kb / 7P
INDUSTRIAL MINI I/O CONNECTOR
2201864-2 TEC-2201864-2 Datasheet
150Kb / 7P
INDUSTRIAL MINI I/O CONNECTOR
2201864-2 TEC-2201864-2 Datasheet
150Kb / 7P
INDUSTRIAL MINI I/O CONNECTOR
More results

Similar Description - 2201860

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202732 PHOENIX-2202732 Datasheet
56Kb / 2P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2202695 PHOENIX-2202695 Datasheet
52Kb / 2P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2202735 PHOENIX-2202735 Datasheet
56Kb / 2P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2695536 PHOENIX-2695536 Datasheet
56Kb / 2P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2707767 PHOENIX-2707767 Datasheet
53Kb / 3P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2709558 PHOENIX-2709558 Datasheet
56Kb / 2P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2909361 PHOENIX-2909361 Datasheet
57Kb / 2P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2914327 PHOENIX-2914327 Datasheet
56Kb / 2P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2854131 PHOENIX-2854131 Datasheet
100Kb / 4P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2854445 PHOENIX-2854445 Datasheet
55Kb / 2P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com