Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0200 Datasheet(PDF) 4 Page - Sanken electric

Part # BL0200
Description  High Efficiency For LED Backlight 2ch LED Driver IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

BL0200 Datasheet(HTML) 4 Page - Sanken electric

  BL0200 Datasheet HTML 1Page - Sanken electric BL0200 Datasheet HTML 2Page - Sanken electric BL0200 Datasheet HTML 3Page - Sanken electric BL0200 Datasheet HTML 4Page - Sanken electric BL0200 Datasheet HTML 5Page - Sanken electric BL0200 Datasheet HTML 6Page - Sanken electric BL0200 Datasheet HTML 7Page - Sanken electric BL0200 Datasheet HTML 8Page - Sanken electric BL0200 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
BL0200 Series
BL0200-DS Rev.2.3
SANKEN ELECTRIC CO.,LTD.
4
May. 15, 2014
2. Electrical characteristics
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified, T
A is 25 °C, VCC = 12 V
Parameter
Symbol
Test
Conditions
Pins
Min.
Typ.
Max.
Unit
Notes
Start / Stop Operation
Operation Start Voltage*
VCC(ON)
10 – 9
8.5
9.6
10.5
V
Operation Stop Voltage
VCC(OFF)
10 – 9
7.8
8.6
9.2
V
BL0202B
BL0202C
8.0
9.1
10.0
BL0200C
Circuit Current in Operation
ICC(ON)
10 – 9
−
5.3
8.0
mA
Circuit Current in
Non-Operation
ICC(OFF)
VCC = 7.5 V
10 – 9
−
70
200
µA
REG Pin Output Voltage
VREG
1 – 9
4.925
5.000 5.075
V
BL0202B
BL0202C
4.9
5.0
5.1
BL0200C
Oscillation
PWM Operation Frequency
fPWM1
fPWM2
7 – 9
12 – 9
95
100
105
kHz
BL0202B
190
200
210
BL0200C
BL0202C
Maximum ON Duty
DMAX1
DMAX2
7 – 9
12 – 9
85
90
95
%
Minimum ON Time
tMIN1
tMIN2
7 – 9
12 – 9
200
310
400
ns
COMP Pin Voltage at
Oscillation Start
VCOMP1(ON)
VCOMP2(ON)
4 – 9
15 – 9
0.35
0.50
0.65
V
COMP Pin Voltage at
Oscillation Stop
VCOMP1(OFF)
VCOMP2(OFF)
4 – 9
15 – 9
0.10
0.25
0.40
V
VREF / IFB Pin
VREF Pin Minimum Setting
Voltage
VREF(MIN)
VREF = 0 V
18 – 9
0.05
0.25
0.45
V
VREF Pin Maximum Setting
Voltage
VREF(MAX)
VREF = 5 V
18 – 9
1.75
2.00
2.35
V
IFB Pin Voltage at COMP
Charge Switching
VIFB1(COMP1)
VIFB2(COMP2)
VREF = 1 V
5 – 9
14 – 9
0.55
0.60
0.65
V
IFB Pin Overcurrent Protection
High Threshold Voltage
VIFB1(OCH)
VIFB2(OCH)
5 – 9
14 – 9
3.8
4.0
4.2
V
IFB Pin Overcurrent Protection
Low Threshold Voltage
VIFB1(OCL)
VIFB2(OCL)
VREF = 1 V
5 – 9
14 – 9
1.9
2.0
2.1
V
IFB Pin Overcurrent Protection
Release Threshold Voltage
VIFB1(OCL-OFF)
VIFB2(OCL-OFF)
VREF = 1 V
5 – 9
14 – 9
1.5
1.6
1.7
V
IFB Pin Voltage at Auto Restart
Operation
VIFB1(AR)
VIFB2(AR)
VREF = 1 V
5 – 9
14 – 9
0.45
0.50
0.55
V
IFB Pin Bias Current
IIFB1(B)
IIFB2(B)
VIFB1 = 5 V
VIFB2 = 5 V
5 – 9
14 – 9
−
−
1
µA
Current Detection Threshold
Voltage
VIFB1
VIFB2
VREF = 1 V
5 – 9
14 – 9
0.98
1.00
1.02
V
BL0202B
BL0202C
0.985
1.000 1.015
BL0200C
COMP Pin
COMP Pin Maximum Output
Voltage
VCOMP1(MAX)
VCOMP2(MAX)
VIFB1 = 0.7 V
VIFB2 = 0.7 V
4 – 9
15 – 9
4.8
5.0
−
V
* VCC(ON) > VCC(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com