Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1245MF Datasheet(PDF) 17 Page - Sanken electric

Part # SCM1245MF
Description  High Voltage, High Current 3-Phase Motor Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1245MF Datasheet(HTML) 17 Page - Sanken electric

Back Button SCM1245MF Datasheet HTML 10Page - Sanken electric SCM1245MF Datasheet HTML 11Page - Sanken electric SCM1245MF Datasheet HTML 12Page - Sanken electric SCM1245MF Datasheet HTML 13Page - Sanken electric SCM1245MF Datasheet HTML 14Page - Sanken electric SCM1245MF Datasheet HTML 15Page - Sanken electric SCM1245MF Datasheet HTML 16Page - Sanken electric SCM1245MF Datasheet HTML 17Page - Sanken electric SCM1245MF Datasheet HTML 18Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
SANKEN ELECTRIC CO., LTD.
SCM1240MDS-Rev. 5
High Voltage, High Current 3-Phase Motor Drivers
SCM1240M
WARNING
— These devices are designed to be operated at lethal voltages and energy levels. Circuit designs
that embody these components must conform with applicable safety requirements. Precautions must be
taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
•
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
•
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
•
Reinspect for rust on leads and solderability of product that has
been stored for a long time.
Cautions for Testing and Handling
•
When tests are carried out during inspection testing and other
standard test periods, protect the product from power surges from
the testing device, shorts between adjacent product packages,
and shorts to the heatsink.
•
The screwing torque for attaching a heatsink shall be 58.8 to
78.4 N•cm (6.0 to 8.0 Kgf•cm).
•
Ensure there are no foreign objects between the heatsink and thermal
pad; only silicone thermal grease is allowed.
Remarks About Using Silicone Grease with a Heatsink
•
When silicone grease is used in mounting this product with
a heatsink, grease shall be applied evenly and thinly. If more
silicone grease than required is applied, it may produce stress.
•
Volatile-type silicone greases may permeate the product and
produce cracks after long periods of time, resulting in reduced
heat radiation effect, and possibly shortening the lifetime of the
product.
•
Hard silicone greases may cause cracks in the product when
screwing the product to a heatsink.
•
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
Momentive Performance Materials Holding, Inc.
SC102
Dow Corning Toray Silicone Co., Ltd.
Soldering
•
When soldering the product, please be sure to minimize the
working time, within the following limits:
260±5°C 10 s
380±5°C
5 s
•
Soldering iron should be at a distance of at least 1.5 mm from the
body of the product
Electrostatic Discharge
•
When handling the product, operator must be grounded.
Grounded wrist straps worn should have at least 1 MΩ of
resistance to ground to prevent shock hazard.
•
Workbenches where the product is handled should be grounded
and be provided with conductive table and floor mats.
•
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
•
When soldering the product, the head of soldering irons or the
solder bath must be grounded in other to prevent leak voltages
generated by them from being applied to the product.
•
The product should always be stored and transported in our
shipping containers or conductive containers, or be wrapped in
aluminum foil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com