Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1276MF Datasheet(PDF) 13 Page - Sanken electric

Part # SCM1276MF
Description  600V High Voltage 3-phase Motor Driver ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1276MF Datasheet(HTML) 13 Page - Sanken electric

Back Button SCM1276MF Datasheet HTML 9Page - Sanken electric SCM1276MF Datasheet HTML 10Page - Sanken electric SCM1276MF Datasheet HTML 11Page - Sanken electric SCM1276MF Datasheet HTML 12Page - Sanken electric SCM1276MF Datasheet HTML 13Page - Sanken electric SCM1276MF Datasheet HTML 14Page - Sanken electric SCM1276MF Datasheet HTML 15Page - Sanken electric SCM1276MF Datasheet HTML 16Page - Sanken electric SCM1276MF Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
SCM1270MF Series
SCM1270MF-DSE Rev.1.4
SANKEN ELECTRIC CO., LTD.
13
Aug. 9, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2017
7.
Block Diagram
VB1
FO1
OCP1
LIN1
COM1
HIN1
VCC1
HS1
VBB
W
LS3
V
LS2
U
LS1
VB2
SD
VT
LIN2
COM2
HIN2
VCC2
HS2
VB3
FO3
OCP3
LIN3
COM3
HIN3
VCC3
HS3
1
3
4
5
8
25
26
28
29
31
32
33
27
2
Input logic
Simultaneous
on-state
prevention
UVLO_VCC
Drive
circuit
Drive
circuit
Level shift
6
7
Input logic
Simultaneous
on-state
prevention
Drive
circuit
Drive
circuit
Temperature
sensing
Level shift
Input logic
Simultaneous
on-state
prevention
Drive
circuit
Drive
circuit
OCP
Level shift
17
19
20
21
22
18
23
24
9
11
12
14
13
10
15
16
MIC1
MIC2
MIC3
UVLO_VB
UVLO_VB
UVLO_VCC
UVLO_VB
HO1
LO1
HO2
LO2
HO3
LO3
30
Filter
300 ns
Filter
3 µs
Filter
3 µs
Filter
370 ns
OCP
Filter
370 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com