Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9513 Datasheet HTML 15Page - Analog Devices AD9513 Datasheet HTML 16Page - Analog Devices AD9513 Datasheet HTML 17Page - Analog Devices AD9513 Datasheet HTML 18Page - Analog Devices AD9513 Datasheet HTML 19Page - Analog Devices AD9513 Datasheet HTML 20Page - Analog Devices AD9513 Datasheet HTML 21Page - Analog Devices AD9513 Datasheet HTML 22Page - Analog Devices AD9513 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD9513
Rev. B | Page 19 of 28
Table 12. Output Logic Configuration
S1
S2
OUT0
OUT1
OUT2
0
0
OFF
LVDS
OFF
1/3
0
CMOS
CMOS
OFF
2/3
0
LVDS
LVDS
OFF
1
0
LVDS
CMOS
OFF
0
1/3
CMOS
CMOS
CMOS
1/3
1/3
LVDS
LVDS
LVDS
2/3
1/3
LVDS
LVDS
CMOS
1
1/3
CMOS
CMOS
LVDS
0
2/3
OFF
OFF
OFF
1/3
2/3
OFF
OFF
LVDS
2/3
2/3
OFF
OFF
CMOS
1
2/3
OFF
CMOS
OFF
0
1
LVDS
OFF
CMOS
1/3
1
CMOS
OFF
LVDS
2/3
1
LVDS
OFF
LVDS
1
1
CMOS
OFF
CMOS
Table 13. OUT2 Delay or Phase
S3
S4
OUT2
Delay
(S0 ≠ 0)
OUT2
Phase
(S0 = 0)
0
0
0
0
1/3
0
1/16
1
2/3
0
1/8
2
1
0
3/16
3
0
1/3
1/4
4
1/3
1/3
5/16
5
2/3
1/3
3/8
6
1
1/3
7/16
7
0
2/3
1/2
8
1/3
2/3
9/16
9
2/3
2/3
5/8
10
1
2/3
11/16
11
0
1
3/4
12
1/3
1
13/16
13
2/3
1
7/8
14
1
1
15/16
15
Table 14. OUT2 Divide or OUT1 Phase
S5
S6
OUT2
Divide (Duty Cycle1)
(S2 ≠ 0 or 2/3)
OUT1
Phase
(S2 = 0)
0
0
1
0
1/3
0
2 (50%)
1
2/3
0
3 (33%)
2
1
0
4 (50%)
3
0
1/3
5 (40%)
4
1/3
1/3
6 (50%)
5
2/3
1/3
8 (50%)
6
1
1/3
9 (44%)
7
0
2/3
10 (50%)
8
1/3
2/3
12 (50%)
9
2/3
2/3
15 (47%)
10
1
2/3
16 (50%)
11
0
1
18 (50%)
12
1/3
1
24 (50%)
13
2/3
1
30 (50%)
14
1
1
32 (50%)
15
1 Duty cycle is the clock signal high time divided by the total period.
Table 15. OUT1 Divide or OUT2 Phase
S7
S8
OUT1
Divide (Duty Cycle1)
(S2 ≠ 1)
OUT2 Phase
(S2 = 1 and S0 ≠ 0)
0
0
1
0
1/3
0
2 (50%)
1
2/3
0
3 (33%)
2
1
0
4 (50%)
3
0
1/3
5 (40%)
4
1/3
1/3
6 (50%)
5
2/3
1/3
8 (50%)
6
1
1/3
9 (44%)
7
0
2/3
10 (50%)
8
1/3
2/3
12 (50%)
9
2/3
2/3
15 (47%)
10
1
2/3
16 (50%)
11
0
1
18 (50%)
12
1/3
1
24 (50%)
13
2/3
1
30 (50%)
14
1
1
32 (50%)
15
1 Duty cycle is the clock signal high time divided by the total period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com