Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDS09254HT1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMDS09254HT1
Description  Advanced Doherty Alignment Module (ADAM)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMDS09254HT1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMDS09254HT1 Datasheet HTML 3Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 4Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 5Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 6Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 7Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 8Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 9Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 10Page - NXP Semiconductors MMDS09254HT1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MMDS09254HT1
7
RF Device Data
Freescale Semiconductor, Inc.
Figure 7. MMDS09254H Test Circuit Component Layout
Note: Component numbers C3* and C4* are labeled on board but not placed.
ADAM Phase Shifter/Attenuator
Evaluation Board Phase 3
Rogers RO4350 20 mil+
Rogers Theta 5 mil
FSL0124 30 JUL 2012
RFin
C1 C2
C4*
C3*
C5
RFout1
RFout2
Table 12. MMDS09254H Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
22 pF Chip Capacitor
GRM1885C1H220JA01J
Murata
C2
100 pF Chip Capacitor
GRM1885C1H101JA01J
Murata
C3, C4
Components Not Placed
C5
0.1 F Chip Capacitor
GRM155R61A104KA01D
Murata
PCB
0.02, r =3.48
RO4350
Rogers
(Test Circuit Component Designations and Values repeated for reference.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com