Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1035LP6GE Datasheet(PDF) 21 Page - Analog Devices

Part # HMC1035LP6GE
Description  HigH Performance, 3.3 V clock generator 25 - 2500 mHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1035LP6GE Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC1035LP6GE Datasheet HTML 17Page - Analog Devices HMC1035LP6GE Datasheet HTML 18Page - Analog Devices HMC1035LP6GE Datasheet HTML 19Page - Analog Devices HMC1035LP6GE Datasheet HTML 20Page - Analog Devices HMC1035LP6GE Datasheet HTML 21Page - Analog Devices HMC1035LP6GE Datasheet HTML 22Page - Analog Devices HMC1035LP6GE Datasheet HTML 23Page - Analog Devices HMC1035LP6GE Datasheet HTML 24Page - Analog Devices HMC1035LP6GE Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
21
HMC1035LP6GE
v02.0614
HigH Performance, +3.3 V clock generator
25 - 2500 mHz
1.3
reg 01h rSt register
(Default 000002h)
Bit
Type
Name
Width
Default
Description
[0]
r/W
reserved
1
0
reserved
[1]
r/W
reserved
1
1
reserved
[2]
r/W
reserved
1
0
reserved
[3]
r/W
reserved
1
0
reserved
[4]
r/W
reserved
1
0
reserved
[5]
r/W
reserved
1
0
reserved
[6]
r/W
reserved
1
0
reserved
[7]
r/W
reserved
1
0
reserved
[8]
r/W
reserved
1
0
reserved
[9]
r/W
reserved
1
0
reserved
1.4
reg 02h refDiV register
(Default 000001h)
Bit
Type
Name
Width
Default
Description
[13:0]
r/W
rdiv
14
1
reference Divider ’r’ Value “
Divider use also requires refBufen reg08[3]=1and Divider
min 1d
max 16383d
1.5
reg 03h frequency register - integer Part
(Default 000019h)
Bit
Type
Name
Width
Default
Description
[18:0]
r/W
intg
19
25d
VCo Divider Integer part, used in all modes)
Fractional Mode
min 20d
max 219 -4 = 7FFFCh = 524,284d
Integer Mode
min 16d
max 219-1 = 7FFFFh = 524,287d
1.6
reg 04h frequency register - fractional Part
(Default 000000h)
Bit
Type
Name
Width
Default
Description
[23:0]
r/W
frac
24
0
VCo Divider Fractional part (24-bit unsigned) see
Fractional Frequency tuning
Used in Fractional Mode only (nfrac=reg 04h/224
min 0d
max 224-1
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com