Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3-MOC000000 Datasheet(PDF) 2 Page - SICK AG

Part # FX3-MOC000000
Description  SAFETY CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

FX3-MOC000000 Datasheet(HTML) 2 Page - SICK AG

  FX3-MOC000000 Datasheet HTML 1Page - SICK AG FX3-MOC000000 Datasheet HTML 2Page - SICK AG FX3-MOC000000 Datasheet HTML 3Page - SICK AG FX3-MOC000000 Datasheet HTML 4Page - SICK AG FX3-MOC000000 Datasheet HTML 5Page - SICK AG FX3-MOC000000 Datasheet HTML 6Page - SICK AG FX3-MOC000000 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
FX3-MOC000000 | Flexi Soft
SAFETY CONTROLLERS
Ordering information
Type
Part no.
FX3-MOC000000
1062344
Other models and accessories
www.sick.com/Flexi_Soft
Detailed technical data
Features
Module
Motion Control module
Configuration method
Via software
Safety-related parameters
For axes with two encoders (any combination of sine-cosine, TTL, HTL 24 V, MTL 12 V, RS-422, SSI)
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
5.0 * 10-9
Minimum movement for error detection
≥ selected tolerance limit for the function block used for the cross check, e.g. speed cross
check, At least 1 x within 24 h
TM (mission time)
20 years (EN ISO 13849)
For axes with one sine-cosine encoder and sin/cos analog voltage monitoring activated
Safety integrity level
SIL2 (IEC 61508)
SILCL2 (EN 62061)
Category
Category 3 (EN ISO 13849)
Performance level
PL d (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
6.0 * 10-9
Minimum movement for error detection
≥ 1 Sin/Cos period, At least 1 x within 24 h
TM (mission time)
20 years (EN ISO 13849)
Functions
Safe SICK device communication
EFI
Drive safety functions
Safe stop 1 (SS1)
Safe stop 2 (SS2)
Safe operating stop (SOS)
2
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
Online data sheet | 2018-09-17 16:53:32
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com