Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

502MLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 502MLF
Description  LOCO PLL CLOCK MULTIPLIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

502MLF Datasheet(HTML) 2 Page - Integrated Device Technology

  502MLF Datasheet HTML 1Page - Integrated Device Technology 502MLF Datasheet HTML 2Page - Integrated Device Technology 502MLF Datasheet HTML 3Page - Integrated Device Technology 502MLF Datasheet HTML 4Page - Integrated Device Technology 502MLF Datasheet HTML 5Page - Integrated Device Technology 502MLF Datasheet HTML 6Page - Integrated Device Technology 502MLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS502
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
2
ICS502
REV M 051310
Pin Assignment
Clock Decoding Table (MHz)
Minimum input frequency for all selections is per table on
page 3.
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (floating)
Common Output Frequency Examples (MHz)
Pin Descriptions
X1/ICLK
VDD
GND
S1
REF
S0
CLK
X2
1
2
3
4
8
7
6
5
8 Pi n ( 150 mi l ) SOI C
S1 S0
CLK
00
x2
01
x5
M0
x3
M
1
x3.33
10
x4
11
x2.5
Output
20
25
30
32
33.33
37.5
40
48
50
54
60
Input
10
10
10
16
10
15
20
16
20
13.5
20
Selection (S1, S0)
0, 0
1, 1
M, 0
0, 0
M, 1
1, 1
0, 0
M, 0
1, 1
1, 0
M, 0
Output
64
66.66
72
75
80
81
90
100
108
120
135
Input
16
20
24
15
20
27
27
20
27
24
27
Selection (S1, S0)
1, 0
M, 1
M, 0
0, 1
1, 0
M, 0
M, 1
0, 1
1, 0
0, 1
0, 1
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI/ICLK
Input
Crystal connection or clock input.
2
VDD
Power
Connect to +3.3 V or +5 V.
3
GND
Power
Connect to ground.
4
REF
Output
Buffered crystal oscillator output clock.
5
CLK
Output
Clock output per table above.
6
S0
Input
Select 0 for output clock. Connect to GND or VDD.
7
S1
Input
Select 1 for output clock. Connect to GND or VDD or float.
8
X2
Input
Crystal connection. Leave unconnected for clock input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com