Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DFR0.3M Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # 3DFR0.3M
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

3DFR0.3M Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  3DFR0.3M Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. 3DFR0.3M Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. 3DFR0.3M Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.trr-jx.com
version: 02
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
25
50
75
100
125
150
175
Fig .Forwardcurrent deating cure
Temperature(℃)
single phase half wave 
60HZ resistive or inductive 
load
Fig .MaximumNon-Repetitive peak
forward surge current
Number of Cycles
0.01
0.1
1
10
0
Fig .Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage(V)
Pulse wiclth=300μS 1% 
duty cycle
0.1
1
10
100
0
2040
6080
100
Fig.4 Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage(%)
TJ=100℃
TJ=25℃
1
2
3
Lead
0.5
1.0
1.5
2.0
2.5
10
1
1
10
100
1
10
100
8.3mS single half sine‐
wave(JEDEC Method)
3DFR0.3A~3DFR0.3M
Surface Mount Fast Recovery Rectifiers



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com