Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DFR0.3B Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # 3DFR0.3B
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

3DFR0.3B Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  3DFR0.3B Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. 3DFR0.3B Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. 3DFR0.3B Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.trr-jx.com
version: 02
3DFR0.3A~3DFR0.3M
Surface Mount Fast Recovery Rectifiers
Features
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Low forward voltage drop
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
Mechanical Date
Major Ratings and Characteristics
●
Case: SOD-323 molded plastic
body over glass passivated chip
●
Terminals: Solder plated, solderable per
JESD22-B102
●
Polarity: Laser band denotes cathode end
IR
5 μA
VF
1.3 V
IF(AV)
0.3A
VRRM
50 V to 1000 V
IFSM
10 A
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.036 x 0.06” (0.9 x 1.5mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
μA
Tj=125℃
50
nS
Reverse recovery time
IF=0.5A IR=1A,
Irr=0.25A
trr
150
250
500
Maximum reverse current
VR=VDC
Tj=25℃
IR
5
3DFR0.3K~0.3M UNIT
Instantaneous forward
voltage
IF=0.3A
(2)
VF
1.3
V
Items
Test conditions
Symbol
3DFR0.3A~0.3G 3DFR0.3J
℃/ W
Operating junction and storage temperature
range
TJ,TSTG
–55 to +150
℃
Maximum average forward rectified current
IF(AV)
0.3
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
10
A
400
600
800
1000
V
Maximum DC blocking voltage
VDC
50
100
200
280
420
560
700
V
Maximum RMS voltage
VRMS
35
70
140
400
600
800
1000
V
Maximum repetitive peak reverse voltage
VRRM
50
100
200
3DFR
0.3G
3DFR
0.3J
3DFR
0.3K
3DFR
0.3M
UNIT
Items
Symbol
3DFR
0.3A
3DFR
0.3B
3DFR
0.3D
Tj max.
150 °C
Pb
(1)
35
Thermal resistance from junction to lead
RθJL
●
Weight: 0.0063gram


Similar Part No. - 3DFR0.3B

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
3DF TOKO-3DF Datasheet
89Kb / 1P
Fixed Inductors for Surface Mounting
logo
Vishay Siliconix
3DF0D10 VISHAY-3DF0D10 Datasheet
123Kb / 2P
Low Dissipation Factor Disc Capacitors
14-May-02
3DF0D12 VISHAY-3DF0D12 Datasheet
123Kb / 2P
Low Dissipation Factor Disc Capacitors
14-May-02
3DF0D15 VISHAY-3DF0D15 Datasheet
123Kb / 2P
Low Dissipation Factor Disc Capacitors
14-May-02
3DF0D18 VISHAY-3DF0D18 Datasheet
123Kb / 2P
Low Dissipation Factor Disc Capacitors
14-May-02
More results

Similar Description - 3DFR0.3B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com