Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSR2D Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # DSR2D
Description  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DSR2D Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DSR2D Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DSR2D Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. DSR2D Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.trr-jx.com
version: 02
Reverse Voltage - 50 to 1000 V
Forward Current - 2 A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code
:
-
Simplified outline SOD-123FL and symbol
1
2
FEATURES
▪For surface mounted applications
▪Low profile package
▪Glass Passivated Chip Juntion
▪Ideal for automated placement
▪Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
▪Case: SOD-123FL
▪Terminals: Solderable per MIL-STD-750, Method 2026
▪Approx. Weight:15mg 0.00048oz
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 2 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at Ta = 65
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
1)
Typical Junction Capacitance
2)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
2
50
1.1
5
50
20
50
-55 ~ +150
A
A
V
μA
pF
°C
Maximum Ratings and Electrical characteristics
Typical Thermal Resistance
RθJA
Measured at 1 MHz and applied reverse voltage of 4 V D.C
2
)Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
1
)
°C/W
Cj
T , T
j
stg
Symbols
Units
Surface Mount Standard Rectifiers
DSR2A THRU DSR2M
DSR2A DSR2B DSR2D DSR2G DSR2J DSR2K DSR2M
S2A S2M


Similar Part No. - DSR2D

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DSR200BA50 SANREX-DSR200BA50 Datasheet
109Kb / 1P
ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR200BA50 SANREX-DSR200BA50 Datasheet
142Kb / 1P
ISOLATED DIODE MODULE(SOFT RECOVRY DIODE)
DSR200BA60 SANREX-DSR200BA60 Datasheet
109Kb / 1P
ISOLATED DIODE MODULE (SOFT RECOVERY DIODE)
DSR200BA60 SANREX-DSR200BA60 Datasheet
142Kb / 1P
ISOLATED DIODE MODULE(SOFT RECOVRY DIODE)
More results

Similar Description - DSR2D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
S3AP JUXING-S3AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
S5A JUXING-S5A_10 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
S5AP JUXING-S5AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
DSR1A JUXING-DSR1A_19 Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Leiditech Elec...
S5A LEIDITECH-S5A Datasheet
397Kb / 3P
Surface Mount Standard rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com