Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR2K Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # DFR2K
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DFR2K Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DFR2K Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DFR2K Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. DFR2K Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.trr-jx.com
version: 02
Reverse Voltage - 50 to 1000 V
Forward Current - 2 A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SOD-123FL and symbol
1
2
FEATURES
▪ For surface mounted applications
▪ Low profile package
▪ Glass Passivated Chip Juntion
▪ Ideal for automated placement
▪ Fast reverse recovery time
▪ Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
▪ Case: SOD-123FL
▪ Terminals: Solderable per MIL-STD-750, Method 2026
▪ Approx. Weight:15mg 0.00048oz
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 2 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at Ta = 65
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
Maximum Reverse Recovery Time 1)
Typical Junction Capacitance
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
2
50
1.3
5
100
150
250
30
-55 ~ +150
A
A
V
μA
ns
pF
°C
1
)Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
Maximum Ratings and Electrical characteristics
Units
Cj
T , T
j
stg
trr
Symbols
500
Surface Mount Fast Recovery Rectifiers
DFR2A THRU DFR2M
DFR2A
DFR2B
DFR2D
DFR2G
DFR2J
DFR2K
DFR2M
Marking Code
:
-
F2A
F2M
Typical Thermal Resistance
RθJA
R
θJC
75
22
°C/W
(2)
at V =4V, f=1MHz
R
2
)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.


Similar Part No. - DFR2K

ManufacturerPart #DatasheetDescription
logo
Dubilier
DFR200 DUBILIER-DFR200 Datasheet
718Kb / 5P
Power Flame Proof Resistors
logo
Rugao Dachang Electroni...
DFR20A20CT DACHANG-DFR20A20CT Datasheet
137Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 20 A
DFR20A20CT DACHANG-DFR20A20CT Datasheet
137Kb / 2P
Plastic Ultra-Fast Recover Rectifier
DFR20A20CT DACHANG-DFR20A20CT_15 Datasheet
137Kb / 2P
Plastic Ultra-Fast Recover Rectifier
DFR20A30CT DACHANG-DFR20A30CT Datasheet
137Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 20 A
More results

Similar Description - DFR2K

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com