Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9543BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9543BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 Synchronizer and Jitter Cleaner
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9543BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9543BCPZ Datasheet HTML 40Page - Analog Devices AD9543BCPZ Datasheet HTML 41Page - Analog Devices AD9543BCPZ Datasheet HTML 42Page - Analog Devices AD9543BCPZ Datasheet HTML 43Page - Analog Devices AD9543BCPZ Datasheet HTML 44Page - Analog Devices AD9543BCPZ Datasheet HTML 45Page - Analog Devices AD9543BCPZ Datasheet HTML 46Page - Analog Devices AD9543BCPZ Datasheet HTML 47Page - Analog Devices AD9543BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
AD9543
Data Sheet
Rev. 0 | Page 44 of 66
CONTROL FUNCTIONALITY
Configuring an Mx pin as a control pin gives the user control of
the specific internal device functions via an external hardware
logic signal. Each Mx pin has a corresponding Mx function register.
To assign an Mx pin as a control pin, write a Logic 0 to the
Mx output enable bit in the corresponding Mx function register.
To assign an Mx control pin to a specific function, program the
appropriate 7-bit code (see Table 31) to Bits[D6:D0] of the
corresponding Mx function register. See the Interrupt Request
(IRQ) section for details regarding IRQ functionality.
When configured as an Mx control pin, the logical level applied
to the Mx pin translates to the selected device function. It is also
possible to assign multiple Mx control pins to the same control
function with the multiple pins implementing a Boolean expres-
sion. The Boolean operation associated with an Mx control pin
depends on a 2-bit code per Table 30. The 2-bit codes reside in
Register 0x100 through Register 0x101, where the 2-bit codes
constitute the Mx receiver/driver bit fields. Note that the Mx
receiver/driver bit fields perform a different function when the
Mx pin is a status pin (see the Status Functionality section).
Table 30. Mx Receiver/Driver Bit Field Codes for Mx Control
Pins
Code
Boolean
Description
00
AND
Logical AND the associated Mx control pin
with the other Mx control pins assigned to
the same control function.
01
NOT AND
Invert the logical state of the associated Mx
control pin and AND it with the other Mx
control pins assigned to the same control
function.
10
OR
Logical OR the associated Mx control pin with
the other Mx control pins assigned to the
same control function.
11
NOT OR
Invert the logical state of the associated Mx
control pin and OR it with the other Mx control
pins assigned to the same control function.
The Boolean functionality of aggregated Mx control pins
follows a hierarchy whereby logical OR operations occur before
logical AND operations. The OR and NOT OR operations are
collectively grouped into a single result. A logical AND is then
performed using that result and the remaining AND and NOT
AND operations.
Consider a case where M0, M2, M3, and M6 are all assigned to
the input/output update control function; that is, Bits[D6:D0] in
Register 0x0102 through Register 0x0108 = 0x01 (see Table 31). In
addition, M0 is assigned for AND operation, M2 for NOT OR
operation, M3 for NOT AND operation, and M6 for OR operation
(that is, the 2-bit codes in Register 0x0100 and Register 0x0101
according to Table 30). With these settings, the input/output
update function behaves according the following Boolean equation:
Input/output update = (!M2 || M6) && M0 && !M3
where:
! is logical NOT. Therefore, an input/output update occurs when
M0 is Logic 1 and M3 is Logic 0, and either M2 is Logic 0 or M6
is Logic 1.
&& is logical AND.
|| is logical OR.
When an Mx control pin acts on a control function individually
(rather than as part of a group, per the previous example), the
Boolean functionality of the codes in Table 30 reduces to two
possibilities. Namely, Code 00 and Code 10 specify a Boolean
true (the Mx pin logic state applies to the corresponding control
function directly), whereas Code 01 and Code 11 specify a
Boolean false (the Mx pin logic state applies to the corresponding
control function with a logical inversion).
Regarding the source and destination proxy columns in Table 31,
the &&, || and ! symbols denote the Boolean AND, OR, and
NOT operations, respectively.
Table 31. Mx Pin Status and Control Codes
Bits[D6:D0]
(Hex)
Control Function
Destination Proxy
Status Function
Source Proxy (or Description)
0x00
No operation (NOOP)
Not applicable
Logic 0, static
Not applicable
0x01
IO_UPDATE
Register 0x000F, Bit D0
Logic 1, static
Not applicable
0x02
Device power down
Register 0x2000, Bit D0
Digital core clock
Not applicable
0x03
Clear watchdog timer
Register 0x2005, Bit D7
Watchdog timer timeout
Not applicable
0x04
Sync all
Register 0x2000, Bit D3
SYSCLK calibration in progress
Register 0x3001, Bit D2
0x05
Unassigned
Not applicable
SYSCLK lock detect
Register 0x3001, Bit D0
0x06
Unassigned
Not applicable
SYSCLK stable
Register 0x3001, Bit D1
0x07
Unassigned
Not applicable
Channel 0 and Channel 1 PLLs
locked
Register 0x3001, Bit D4 && Bit D5
0x08
Unassigned
Not applicable
PLL0 locked
Register 0x3001, Bit D4
0x09
Unassigned
Not applicable
PLL1 locked
Register 0x3001, Bit D5
0x0A
Unassigned
Not applicable
EEPROM save in progress
Register 0x3000, Bit D0
0x0B
Unassigned
Not applicable
EEPROM load in progress
Register 0x3000, Bit D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com