Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC27-N Datasheet(PDF) 2 Page - CUI INC

Part # SWC27-N
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWC27-N Datasheet(HTML) 2 Page - CUI INC

  SWC27-N Datasheet HTML 1Page - CUI INC SWC27-N Datasheet HTML 2Page - CUI INC SWC27-N Datasheet HTML 3Page - CUI INC SWC27-N Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date 08/23/2018
│ page 2 of 4
CUI Inc
│ SERIES: SWC27-N │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
at 100 Vac
0.7
A
inrush current
at 240 Vac, cold start, 25°C
100
A
leakage current
at max input voltage, full load
0.25
mA
no load power consumption
at 115/230 Vac
0.075
W
OUTPUT
parameter
conditions/description
min
typ
max
units
voltage accuracy
5 Vdc output
9 Vdc output
12 Vdc output
4.75
8.55
11.4
5.5
9.45
12.6
Vdc
Vdc
Vdc
line regulation
±2
%
load regulation
±5
%
start-up time
3
s
hold-up time
at 115/230 Vac, 60/50 Hz, full load
5
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output shut down, auto recovery
16
Vdc
over current protection
output shut down, auto recovery
150
%
short circuit protection
output shut down, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 3.5 mA for 1 minute
4,242
Vdc
insulation resistance
input to output at 500 Vdc for 1 minute
50
MΩ
safety approvals
UL/cUL (UL 60950-1), PSE
EMI/EMC
FCC Part 15 Class B, EN 55032 Class B
MTBF
as per MIL-HDBK-217F, full load, 25°C
50,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
0
40
°C
storage temperature
-20
60
°C
operating humidity
non-condensing
10
90
%
storage humidity
non-condensing
5
90
%
altitude
5,000
m
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com