Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3CF Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES3CF
Description  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES3CF Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES3CF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES3CF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES3CF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50 ohm
Noninductive
25Vdc
approx
+
-
D.U.T
10 ohm
Noninductive
NonInductive
1 ohm
OSCILLOSCOPE
Note 1
PULSE
GENERATOR
Note 2
Note:1. Rise Time = 7ns, max.
Input Impedance = 1megohm,22pF.
2. Ries Time =10ns, max.
Source Impedance = 50 ohms.
Fig.1 Reverse Recovery Time Characteristic And Test Circuit Diagram
Fig.4 Typical
Characteristics
Forward
Fig.5 Typical Junction Capacitance
0.6
1.2
1.8
2.4
3.0
3.5
0.0
25
50
75
100
125
150
175
Lead Temperature (
°C)
Fig.2 Maximum Average Forward Current Rating
Single phase half wave resistive
or inductive P.C.B mounted on
0.315×0. 315"(8.0
)
pad areas
×8.0mm
Fig.3 Typical Reverse Characteristics
20
100
60
0
0.1
1.0
10
% of PIV.VOLTS
100
40
80
300
T =25
J
°C
T =75
J
°C
T =125
J
°C
-0.25
-1.0
0
+0.5
trr
10ns/div
Set time Base for 10ns/div
Characteristic Curves (TA=25 ℃ unless otherwise noted)
20
40
60
80
100
120
00
10
100
Number of Cycles
1
8.3 ms Single Half Sine Wave
(JEDEC Method)
ES3AF THRU ES3JF
Surface Mount Superfast Rectifiers
2.0
2.5
1.5
0
0.01
0.1
1.0
10
0.5
1.0
0.001
Instaneous Forward Voltage (V)
T =25
J
°C
ES3JF
ES3EF/ ES3GF
ES3AF~ES3DF
http://www.trr-jx.com
version: 02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com