Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES5D Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES5D
Description  Surface Mount Superfast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES5D Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES5D Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES5D Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.trr-jx.com
version: 02
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
150
125
100
75
50
25
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
o
(JEDEC Method) at TL=120 C
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
80
90
100
120
140
150
130
110
0
4
6
2
o
LEAD TEMPERATURE. ( C)
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON
0.6X0.6"(16X16mm) COPPER PADS
10
1
0
100
105
75
45
30
15
90
60
FIG.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
ES5A -
D
ES5F - J
0
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
10
100
1000
1
0.1
0.01
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0
Tj=100 C
0
Tj=75 C
0
Tj=25 C
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
1
10
100
0.1
FORWARD VOLTAGE. (V)
ES5F
0
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
ES5
H -
J
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
1
0.01
0.1
10
100
0.1
10
1
100
T, HEATINGTIME (sec.)
FIG.7- REVERSE RECOVERY TIME CHARACTERISTIC AND TESTCIRCUIT DIAGRAM
50W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
ES5A-ES5J
Surface Mount Superfast Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com