Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS110 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # BPS110
Description  12 mm Analog Low Pressure Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BPS110 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  BPS110 Datasheet HTML 1Page - Bourns Electronic Solutions BPS110 Datasheet HTML 2Page - Bourns Electronic Solutions BPS110 Datasheet HTML 3Page - Bourns Electronic Solutions BPS110 Datasheet HTML 4Page - Bourns Electronic Solutions BPS110 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
250 pieces per 13-inch reel.
Meets specifications of EIA-481-1 or EIA-481-2.
Packaging Specification
DIMENSIONS:
MM
(INCHES)
3312 - 2 mm SMD Trimming Potentiometer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
BPS110 Series - 12 mm Analog Low Pressure Sensor
25.4
(1.0)
29.21
(1.15)
330.2
(13.0) DIA.
20.32
(0.8) DIA.
12.7
(0.5)
DIA.
101.6
(4.0)
32.0
(1.260)
3.81
(0.15)
EQUAL SPACED
3 PLCS.
2.0
(0.079)
4.0
(0.157)
16.0
(0.630)
TOLERANCES: 0.25
(0.010)
07/18
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com