Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25M02C8ATR Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT25M02C8ATR
Description  EEPROM Serial 2-Mb SPI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M02C8ATR Datasheet(HTML) 2 Page - ON Semiconductor

  CAT25M02C8ATR Datasheet HTML 1Page - ON Semiconductor CAT25M02C8ATR Datasheet HTML 2Page - ON Semiconductor CAT25M02C8ATR Datasheet HTML 3Page - ON Semiconductor CAT25M02C8ATR Datasheet HTML 4Page - ON Semiconductor CAT25M02C8ATR Datasheet HTML 5Page - ON Semiconductor CAT25M02C8ATR Datasheet HTML 6Page - ON Semiconductor CAT25M02C8ATR Datasheet HTML 7Page - ON Semiconductor CAT25M02C8ATR Datasheet HTML 8Page - ON Semiconductor CAT25M02C8ATR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT25M02
www.onsemi.com
2
DEVICE MARKINGS
SOIC−8 Package
25M02A = Specific Device Code
A = Assembly Site
Y = Year of Production, Last Number
M = Assembly Operation Month
ZZZ = Assembly Lot Number, Last Three Numbers
WLCSP−8 Package
2MSA = Specific Device Code
A = Assembly Site
L = Wafer Lot Number
Y = Year of Production, Last Number
W = Work Week Number
25M02A
AYMZZZ
2MSA
ALYW
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Operating Temperature
–40 to +125
°C
Storage Temperature
–65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
–0.5 to +6.5
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 4)
Symbol
Parameter
Min
Units
NEND (Notes 2, 3)
Endurance
1,000,000
Program/Erase Cycles
TDR
Data Retention
100
Years
2. Page Mode, VCC = 5 V, 25°C.
3. The device uses ECC (Error Correction Code) logic with 6 ECC bits to correct one bit error in 4 data bytes. Therefore, when a single byte
has to be written, 4 bytes (including the ECC bits) are re−programmed. It is recommended to write by multiple of 4 bytes located at addresses
4N, 4(N+1), 4(N+2), 4(N+3), in order to benefit from the maximum number of write cycles.
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com