Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4596G-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P4596G-SH2-R
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P4596G-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  P4596G-SH2-R Datasheet HTML 1Page - Unisonic Technologies P4596G-SH2-R Datasheet HTML 2Page - Unisonic Technologies P4596G-SH2-R Datasheet HTML 3Page - Unisonic Technologies P4596G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P4596
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R103-064.d
ABSOLU T E M AX I M U M RAT I N G (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Voltage
VCC
VSS-0.3 ~ VSS+40
V
Feedback Pin Voltage
VFB
VSS-0.3 ~ 6
V
EN/SS Pin Voltage
VEN/SS
VSS-0.3 ~ 6
V
OSC Pin Voltage
VOSC
VSS-0.3 ~ 3
V
COMP Pin Voltage
VCOMP
VSS-0.3 ~ 6
V
VGATE Pin Voltage
VGATE
VSS-0.3 ~ VCC
V
Switch Pin Voltage
VSW
VSS - 0.3 ~ VCC + 0.3
V
Power Dissipation
PD
0.7
W
Operating Supply Voltage
VOP
8 ~ 40
V
Junction Temperature
TJ
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
143
°C/W
Junction to Case
θJC
45
°C/W
Note: Surface mounted on 1 in
2 copper pad of FR4 board.
ELECT RI CAL CH ARACT ERI ST I CS (VCC=12V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback Voltage
VFB
VCC=10V~30V, IOUT=0~2A
TJ=-20°C~125°C
0.800 0.815 0.830
V
Quiescent Current
ICCQ
VFB=1V
3
6
mA
Feedback Bias Current
IFB
IOUT=0.1A
0.1
μA
Shutdown Supply Current
ISD
VEN/SS=0V
10
56
300
μA
Current Limit
ICL
3.5
A
Adjustable Frequency Range
FOSC
R3=240K
Ω
200
KHz
Short Frequency
FOSC1
VCC=10V~30V
50
KHz
EN/SS Pin Shutdown Logic Input
Threshold Voltage
VENL
0.8
V
EN/SS Pull High Current
IEN/SS
VEN/SS=0V
8
μA
Internal MOSFET RDSON
RDSON
VCC=12V, VFB=0V
80
180
m
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com