Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P34563L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P34563L-SH2-R
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P34563L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P34563L-SH2-R Datasheet HTML 1Page - Unisonic Technologies P34563L-SH2-R Datasheet HTML 2Page - Unisonic Technologies P34563L-SH2-R Datasheet HTML 3Page - Unisonic Technologies P34563L-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
P34563
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R103-074.F
PWM CON T ROL 3 A
ST EP-DOWN CON V ERT ER
DESCRI PT I ON
The UTC P34563 consists of step-down switching regulator
with PWM control.
The UTC P34563 provides low-ripple power, high efficiency,
and excellent transient characteristics. The PWM control circuit is
able to the duty ratio linearly forms 0 up to 100%. With the
addition of an internal P-channel Power MOS, and a diode
connected externally, these ICs can function as step-down
switching regulators. They serve as ideal power supply units for
portable devices when coupled with the HSOP-8 package,
providing such outstanding features as low current consumption.
Since this converter can accommodate an input voltage up to
40V.
FEAT U RES
* Input voltage: 8V~40V
* Oscillation frequency: 100KHz
* Duty ratio: 0%~100% PWM control
* Adjustable version output voltage range from 3.3V to 38V
* Enable and auto restart function.
* Short Circuit Protect (SCP).
* Thermal Shutdown function / Internal OVP.
* Built-in internal SW P-channel MOS.
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
P34563L-SH2-R
P34563G-SH2-R
HSOP-8
Tape Reel
M ARK I N G


Similar Part No. - P34563L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P34563L-SH2-R UTC-P34563L-SH2-R Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results

Similar Description - P34563L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com