Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P34563G-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P34563G-SH2-R
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P34563G-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  P34563G-SH2-R Datasheet HTML 1Page - Unisonic Technologies P34563G-SH2-R Datasheet HTML 2Page - Unisonic Technologies P34563G-SH2-R Datasheet HTML 3Page - Unisonic Technologies P34563G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P34563
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R103-074.F
ABSOLU T E M AX I M U M RAT I N G (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Voltage
VCC
40
V
EN/CT Voltage
6
V
SENSE1,SENSE2 Pin Voltage
38
V
Switch Pin Voltage
VSW
VCC
V
Power Dissipation
PD
(TJ -TA)/
θJA
W
Operating Supply Voltage
VOP
+8 ~ +40
V
Output Current
IOUT
0 ~ 3
A
Operating Temperature
TOPR
-20 ~ +125
°C
Storage Temperature
TSTG
-40 ~ +165
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL CH ARACT ERI ST I CS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
143
°C/W
Junction to Case
θJC
15
°C/W
ELECT RI CAL CH ARACT ERI ST I CS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FB
VFB
IOUT=10mA
1.08
1.10
1.12
V
Under Voltage Lockout
UVLO
Falling
6
V
UVLO Hysteresis
0.8
V
Line Regulation
∆
  VOUT
VCC=10~40V
0.5
1
%
Load Regulation
∆
  VOUT
IOUT=0~1A, RSENSE=140m
Ω
10
mV
Quiescent Current
ICCQ
VFB>1.2V
3
7
mA
Oscillator Frequency
FOSC
80
100
120
KHz
Max. Duty Cycle (ON)
Force Driver On VFB=0.7V
100
%
Min. Duty Cycle (OFF)
DC
Force Driver Off VFB=1.2V
0
%
Internal MOSFET RDSON
RDSON
VCC=12V, VFB = 0.7V
110
170
m
Ω
Sense Voltage
VSENSE
VSENSE1-VSENSE2
135
150
165
mV
VEN
Shutdown Mode
0.3
V
EN/CT Pin Logic Input Threshold
Voltage
VCT
Auto Restart, VFB<0.4V
0.5
1.5
V
EN/CT Pin Current
IEN/CT-C
Charge Current
-32
µA
EN/CT Pin Current
IEN/CT-D
Discharge Current
1.5
µA
Thermal Shutdown Temp
TSD
160
°C
Thermal Shutdown Hysteresis
TSH
40
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com