Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3525G-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U3525G-S16-R
Description  REGULATING PWM IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3525G-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button U3525G-S16-R Datasheet HTML 2Page - Unisonic Technologies U3525G-S16-R Datasheet HTML 3Page - Unisonic Technologies U3525G-S16-R Datasheet HTML 4Page - Unisonic Technologies U3525G-S16-R Datasheet HTML 5Page - Unisonic Technologies U3525G-S16-R Datasheet HTML 6Page - Unisonic Technologies U3525G-S16-R Datasheet HTML 7Page - Unisonic Technologies U3525G-S16-R Datasheet HTML 8Page - Unisonic Technologies U3525G-S16-R Datasheet HTML 9Page - Unisonic Technologies U3525G-S16-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
U3525
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
7 of 10
www.unisonic.com.tw
QW-R103-032.B
T EST CI RCU I T
0.01μF
10kΩ
COMP
1nF
CT
0.1μF
9nF
RAMP
1.5kΩ
10kΩ
PWM
ADJ.
3kΩ
3.6kΩ
RT
100Ω
DEAD
TIME
SYNC
CLOCK
0.1μF
VREF
4
3
6
7
5
9
1
2
11
12
13
15
8
14
10
2kΩ
5μF
SOFT
START
VREF
SHUT
DOWN
GND
OUT B
1W
1W
1KΩ
1KΩ
OUTA
0.1μF
0.1μF
VC
+V1
V/I METER
VOS = 1
(+) = 2
(-) = 3
2
3
1
2
3
3
2
1
3
2
1
UTC
U3525



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com