Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3800G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3800G-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3800G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UC3800G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3800G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3800G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3800G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3800G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3800G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3800G-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3800G-S08-R Datasheet HTML 9Page - Unisonic Technologies UC3800G-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UC3800/B
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
6 of 10
www.unisonic.com.tw
QW-R103-083.d
OPERAT I ON DESCRI PT I ON
The UTC UC3800/B devices integrate many useful designs into one controller for low-power switch-mode power
supplies. The following descriptions highlight some of the features of the UTC UC3800/B series.
HV Start-up
UTC UC3800/B integrated HV start circuit, and provide about 1mA current to charge VDD pin during power on state
from HV pin. When VDD cap voltage is higher than UVLO (OFF), the charge current is switched off. At this moment,
the VDD capacitor provides current to UTC UC3800/B until the auxiliary winding of the main transformer starts to
provide the operation current.
Power-Saving Mode Operation
The proprietary Power-Saving Mode function provides linearly decreasing the switching frequency under light-load
conditions for higher efficiency. The feedback voltage, which is sampled from the voltage feedback loop, is taken as
the reference. Once the feedback voltage dropped below the threshold voltage, the switching frequency starts to
decrease. This Power-Saving Mode function dramatically reduces power consumption under light-load conditions.
The 22KHz minimum frequency control also eliminates the audio noise at any loading conditions.
At zero load condition, the magnitude of power loss is in proportion to the number of switching events within a
fixed period of time. Reducing switching events leads to the reduction on the power loss and thus conserves the
energy. The UTC UC3800/B enter burst mode at standby condition to minimize the switching loss and reduces the
standby power consumption. Power supplies using the UTC UC3800/B can easily meet even the strictest regulations
regarding standby power consumption.
Switch Frequency Set
The maximum switch frequency is fixed to 65KHz. Switch frequency is modulated by output power POUT during IC
operating. At no load or light load condition, most of the power dissipation in a switching mode power supply is from
switching loss on the MOSFET transistor, the core loss of the transformer and the loss on the snubber circuit. The
magnitude of power loss is in proportion to the number of switching events within a fixed period of time. So lower
switch frequency at lower load, which more and more improve IC’s efficiency at light load. At from no load to light
load condition, The IC will operate at from Burst mode to Reducing Frequency Mode. The relation curve between fSW
and POUT/POUT (MAX) as followed Fig.1.
Fig.1 The relation curve between fSW and relative output power POUT/ POUT (MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com