Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3856L-AG6-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC3856L-AG6-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3856L-AG6-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UC3856L-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC3856L-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3856L-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3856L-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3856L-AG6-R Datasheet HTML 6Page - Unisonic Technologies UC3856L-AG6-R Datasheet HTML 7Page - Unisonic Technologies UC3856L-AG6-R Datasheet HTML 8Page - Unisonic Technologies UC3856L-AG6-R Datasheet HTML 9Page - Unisonic Technologies UC3856L-AG6-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UC3856
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
8 of 10
www.unisonic.com.tw
QW-R103-077.F
REFREN CE CI RCU I T (12V/2A)
SENSE
VDD
GATE
GND
FB
ST
U1
2
6
5
3
R6
R5
R7
Q1
1
3
22
C8
3
+
C2
C3
R3
D2
10
9
8
5
7
T1
R10
C9
C10
+
1, 2
3, 4
1
2
+
C11
L1
VO
GND
R15
R14
C12
R16
U2
3
2
R12
2
1
3
4
U3
D3
2
1
C4
+
BD1
2
1
4
L2
CX1
L
N
CY1
1
4
R8
R4
D4
2
1
R13
C5
C13
Q2
F1
R2
R1
R9
C7
D5
BOM
Reference
Component
Reference
Component
BD1
1N4007×4
Q1
4N60
CX1 (Optional)
0.01
μF
Q2
UF601
CY1 (Optional)
YC 102P 400V (Y1)
R1
NC
C2
EC 33
μF 400V 105°C
R2
NC
C3
CC 0.001
μF 1000V
R3
400k
Ω1206
C4
EC 10
μF 50V
R4 (Optional)
10
Ω 0603
C5
CC 1
μF 50V
R5
3
Ω 0805
C7
10nF 25V
R6
47
Ω 0805
C8
CC 1nF 25V
R7
0.66
Ω 1W
C9
NC
R8
10k
Ω 0603
C10
EC 470
μF 25V
R9
100k
Ω 1206
C11
EC 220
μF 25V
R10
NC
C12
0.1
μF/25V 0603
R12
220
Ω 0603
C13
0.47
μF 1206 50V
R13
1K
Ω 0603
D2
Diode 1N4007G
R14
680
Ω 0603
D3
BAS21
R15
39k
Ω 0603
D4 (Optional)
1N4148
R16
10k
Ω 0603
D5
MBR20100C
T1
RM8
F1
2A/250V
U1
IC UC3856
L1
NC (Short)
U2
TL431
L2
Choke
U3
PC817



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com