Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3873G-AG6-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UC3873G-AG6-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3873G-AG6-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UC3873G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC3873G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3873G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3873G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3873G-AG6-R Datasheet HTML 6Page - Unisonic Technologies UC3873G-AG6-R Datasheet HTML 7Page - Unisonic Technologies UC3873G-AG6-R Datasheet HTML 8Page - Unisonic Technologies UC3873G-AG6-R Datasheet HTML 9Page - Unisonic Technologies UC3873G-AG6-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UC3873
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
9 of 10
www.unisonic.com.tw
QW-R103-068. F
REFREN CE CI RCU I T 12W (5V/2.4A)
BOM
Reference
Component
Reference
Component
BD1
BD 1A/600V
L2
1mH 6×8mm
C2
EC 22
μF/400V 105°C
Q1
4N60_TO-220F
C1
EC 4.7
μF/400V 105°C
R1,R2
R 1.5M
Ω 1206
C3
CC 0.01
μF/1000V
R3
R 200K
Ω 1206
C4
EC 10
μF/50V
R4
R 0
Ω 0805
C5,C13
CC 104P/25V 0805
R5
R 10
Ω 0805
C8
CC 102P/25V 0805
R6
R 43
Ω 1206
C9
CC 222P/100V 1206
R7, R7A
R 2
Ω 1206
C10, C11
EC 470u/16V 105°C
R8
R 51K
Ω 1206
C12
CC 222P/16V 0805
R9
NTC R 12K
Ω 0805
D2
Diode FR107
R10
R 22
Ω 1206
D3
Diode FR102
R12
R 820
Ω 0805
D4
Diode 1N4148_SOD-123
R13
R 2.2K
Ω 0805
D5
Diode SB2040_TO-220F
R14
R 1K
Ω 0805
F1
Fuse 2A/250VAC
R15, R16
R 22K
Ω 0805 ±1%
L1
10
μH 6mm
R17
R 330K
Ω 0805 ±1%
R18
R 220
Ω 1206
T1
EE-22
U1
IC UC3873
U2
TL431
U3
PC817B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com