Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3846L-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC3846L-S16-R
Description  CURRENT MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3846L-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UC3846L-S16-R Datasheet HTML 1Page - Unisonic Technologies UC3846L-S16-R Datasheet HTML 2Page - Unisonic Technologies UC3846L-S16-R Datasheet HTML 3Page - Unisonic Technologies UC3846L-S16-R Datasheet HTML 4Page - Unisonic Technologies UC3846L-S16-R Datasheet HTML 5Page - Unisonic Technologies UC3846L-S16-R Datasheet HTML 6Page - Unisonic Technologies UC3846L-S16-R Datasheet HTML 7Page - Unisonic Technologies UC3846L-S16-R Datasheet HTML 8Page - Unisonic Technologies UC3846L-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UC3846
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 9
www.unisonic.com.tw
QW-R103-061.D
M ARK I N G
DIP-16
SOP-16 / SOP-16W
PI N CON FI GU RAT I ON
1
2
3
4
16
15
14
13
12
11
10
9
8
7
6
5
Shutdow
n
VIN
B Out
VC
GND
A Out
Sync
RT
CT
COMP
E/A-
E/A+
C/S+
C/S-
VREF
C/S SS
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
C/S SS
Adjustment of Current Limiting
2
VREF
Internal Reference Voltage
3
C/S-
Forward Input of Current Limiting
4
C/S+
Backward Input of Current Limiting
5
E/A+
Forward Input of Error Amplifier
6
E/A-
Backward Input of Error Amplifier
7
COMP
Output of Error Amplifier
8
CT
External Capacity for Frequency
9
RT
External Resistor for Frequency
10
SYNC
Synchronization for Frequency of Oscillator
11
A OUT
Dual Output A
12
GND
Ground
13
VC
Power Supply of the Collector
14
B OUT
Dual Output B
15
VIN
DC Power Supply Input
16
SHUTDOWN
Shutdown Controller



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com