Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3846G-S16W-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3846G-S16W-R
Description  CURRENT MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3846G-S16W-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3846G-S16W-R Datasheet HTML 1Page - Unisonic Technologies UC3846G-S16W-R Datasheet HTML 2Page - Unisonic Technologies UC3846G-S16W-R Datasheet HTML 3Page - Unisonic Technologies UC3846G-S16W-R Datasheet HTML 4Page - Unisonic Technologies UC3846G-S16W-R Datasheet HTML 5Page - Unisonic Technologies UC3846G-S16W-R Datasheet HTML 6Page - Unisonic Technologies UC3846G-S16W-R Datasheet HTML 7Page - Unisonic Technologies UC3846G-S16W-R Datasheet HTML 8Page - Unisonic Technologies UC3846G-S16W-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UC3846
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 9
www.unisonic.com.tw
QW-R103-061.D
ELECT RI CAL CH ARACT ERI ST I CS(Cont .)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
CURRENT SENSE AMPLIFIER SECTION
Amplifier Gain
GA
VPIN 3=0V, Pin 1 Open (Note 3, 4)
2.5
2.75
3.0
V
Maximum Differential Input
Signal (VPIN 4-VPIN 3)
VIN(MAX)
Pin 1 Open (Note 3), RL (Pin 7)=15kW
1.1
1.2
V
Input Offset Voltage
VIO
VPIN 1=0.5V, Pin 7 Open (Note 3)
5
25
mV
CMRR
CMRRA
VCM=1V~12V
60
83
dB
PSRR
PSRRA
VIN=8V~40V
60
84
dB
Input Bias Current
IBIAS
VPIN 1=0.5V, Pin 7 Open (Note 3)
-2.5
-10
µA
Input Offset Current
IIO
VPIN 1=0.5V, Pin 7 Open (Note 3)
0.08
1
µA
Input Common Mode Range
∆VR
0
VIN-3
V
Delay to Outputs
tD
TJ=25°C, (Note 2)
200
500
ns
CURRENT LIMIT ADJUST SECTION
Current Limit Offset
VL
VPIN 3=0V, VPIN 4=0V, Pin 7 Open
(Note 3)
0.45
0.5
0.55
V
Input Bias Current
IB
VPIN 5=VREF,VPIN 6=0V
-10
-30
µA
SHUTDOWN TERMINAL SECTION
Threshold Voltage
VTH
250
350
550
mV
Input Voltage Range
∆VSHUT
0
VIN
V
Minimum Latching Current
(IPIN 1)
ILATCH
(Note 6)
3.0
1.5
mA
Maximum Non-Latching
Current (IPIN 1)
INONLATCH
(Note 7)
1.5
0.8
mA
Delay to Outputs
tD-SHUT
TJ=25°C (Note 2)
300
600
ns
OUTPUT SECTION
Collector-Emitter Voltage
VT
40
V
Collector Leakage Current
IL
VC=40V (Note 5)
200
µA
VOL1
ISINK=20mA
0.1
0.4
V
Output Low Level
VOL2
ISINK=100mA
0.4
2.1
V
VOH1
ISOURCE=20mA
13
13.5
V
Output High Level
VOH2
ISOURCE=100mA
12
13.2
V
Rise Time
tR
CL=1nF, TJ=25°C (Note 2)
50
300
ns
Fall Time
tF
CL=1nF, TJ=25°C (Note 2)
50
300
ns
UNDER-VOLTAGE LOCKOUT SECTION
Start-Up Threshold
VSTART
7.7
8.0
V
Threshold Hysteresis
VH
0.75
V
TOTAL STANDBY CURRENT
Supply Current
IT
17
21
mA
Notes: 1. All voltages are with respect to Ground, Pin 13. Currents are positive into, negative out of the speficied
terminal.
2. These parameters are not 100% tested in production, although guaranteed over the recommended
operating conditions
3. Parameter measured at trip point of latch with VPIN 5=VREF, VPIN 6=0V.
4.
Amplifier gain defined as: G=
4
PIN
7
PIN
V
∆
V
∆
, VPIN4=0~1.0V
5. Applies to UTC UC3846 only due to polarity of outputs.
6. Current into Pin 1 guaranteed to latch circuit in shutdown state.
7. Current into Pin 1 guaranteed not to latch circuit in shutdown state.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com