Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906348 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906348
Description  Electronic housing - UM-SE 1-O.LOGO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906348 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906348 Datasheet HTML 1Page - PHOENIX CONTACT 2906348 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/2906348
12/6/13   Page 1 / 2
Electronic housing - UM-SE 1-O.LOGO - 2906348
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Key commercial data
Packing unit
1 PCE
Minimum order quantity
10 PCE
Weight per Piece (excluding packing)
3.04 GRM
Custom tariff number
85369010
Country of origin
Poland
Classifications
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27180506
eCl@ss 6.0
27180802
eCl@ss 7.0
27182701
eCl@ss 8.0
27182701
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC001031
UNSPSC
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
UNSPSC 11
31261501
UNSPSC 12.01
31261501


Similar Part No. - 2906348

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906300 PHOENIX-2906300 Datasheet
67Kb / 6P
DC/DC converters - UNO-PS/350-900DC/24DC/60W
2906300 PHOENIX-2906300 Datasheet
457Kb / 18P
UNO-PS/350-900DC/24DC/60W
2016-07-25
2906318 PHOENIX-2906318 Datasheet
73Kb / 5P
Type 2 surge protection device - VAL-MSTE-AR 75 VF/P-FM
2906319 PHOENIX-2906319 Datasheet
62Kb / 2P
Profile housing and board base, with a constructional width of 100 mm and a fixed length of 200 cm
2906320 PHOENIX-2906320 Datasheet
72Kb / 5P
Type 2 surge protection device - VAL-MSTE-AR 350 VF/P-FM
More results

Similar Description - 2906348

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202023 PHOENIX-2202023 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO 108 FOOT KMGY
2202025 PHOENIX-2202025 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO PE CONTACT L1
2200967 PHOENIX-2200967 Datasheet
49Kb / 2P
Components of electronic housing - UM-ALU 4 AU75 L165
2200973 PHOENIX-2200973 Datasheet
42Kb / 2P
Components of electronic housing - UM-ALU 4 PE CONTACT
2202030 PHOENIX-2202030 Datasheet
47Kb / 2P
Electronic housing - UM-BASIC/PRO PCB C-LOCK L3KMGY
2973957 PHOENIX-2973957 Datasheet
68Kb / 2P
Components of electronic housing - UMK-SE 11,25-1 GY
2974723 PHOENIX-2974723 Datasheet
55Kb / 3P
Electronic housing - UMK-SE 11,25-1 BK
5030253 PHOENIX-5030253 Datasheet
49Kb / 2P
Components of electronic housing - UMK-SE 11,25-2
11/05/2018
2906351 PHOENIX-2906351 Datasheet
52Kb / 2P
Components of electronic housing - UMK-SE 11,25-1 O.LOGO
11/05/2018
2909824 PHOENIX-2909824 Datasheet
124Kb / 3P
Side element - UM-SE 1 BK
11/25/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com