Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906830 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906830
Description  Housing upper part, for printed circuit terminal block connection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906830 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906830 Datasheet HTML 1Page - PHOENIX CONTACT 2906830 Datasheet HTML 2Page - PHOENIX CONTACT 2906830 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/2906830
05.11.2013   Page 1 / 3
Electronic housing - ME 12,5 OT-MKDSO GN - 2906830
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Housing upper part, for printed circuit terminal block connection
Product Features
 Tool-free mounting
 Large assembly area
 Low design width with a high number of positions
 Recessed labeling areas
 Same PCB geometry for all design widths
 Fast mounting on DIN rails according to EN 60715
 Inflammability class V0 according to UL 94
 Cost savings thanks to easy device production
 Material and part identification embossed on the housing (recyclability)
 Electronic components can be partially removed
 Metal foot catch
 Optional BUS connection integrated in the housing, for either parallel or serial contacting
 Functional earth ground contact (EMC) integrated in the housing base
Key commercial data
Packing unit
1 1
Minimum order quantity
10 1
GTIN
Weight per Piece (excluding packing)
9.65 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
General
Housing type
Component housing


Similar Part No. - 2906830

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906831 PHOENIX-2906831 Datasheet
504Kb / 8P
TTC-6-TVSD-C-24DC-UT-I - Surge protection device
2906832 PHOENIX-2906832 Datasheet
504Kb / 8P
TTC-6-TVSD-C-48DC-UT-I - Surge protection device
2906834 PHOENIX-2906834 Datasheet
345Kb / 7P
Surge protection device - TTC-6-TVSD-D-24DC-UT-I
03/25/2022
2906835 PHOENIX-2906835 Datasheet
346Kb / 7P
Surge protection device - TTC-6-TVSD-D-48DC-UT-I
03/25/2022
2906837 PHOENIX-2906837 Datasheet
504Kb / 8P
TTC-6-MOV-C-24DC-UT-I - Surge protection device
More results

Similar Description - 2906830

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200321 PHOENIX-2200321 Datasheet
68Kb / 2P
Housing upper part, for printed circuit terminal block connection
2200322 PHOENIX-2200322 Datasheet
69Kb / 2P
Housing upper part, for printed circuit terminal block connection
2200323 PHOENIX-2200323 Datasheet
69Kb / 2P
Housing upper part, for printed circuit terminal block connection
2200327 PHOENIX-2200327 Datasheet
69Kb / 2P
Housing upper part, for printed circuit terminal block connection
2906814 PHOENIX-2906814 Datasheet
55Kb / 3P
Upper part of housing, for COMBICON connection, double-level.
2906843 PHOENIX-2906843 Datasheet
101Kb / 7P
Housing upper part, for printed circuit terminal block connection
2907169 PHOENIX-2907169 Datasheet
85Kb / 6P
Upper part of housing, for COMBICON connection, double-level
2908414 PHOENIX-2908414 Datasheet
83Kb / 6P
Housing upper part, for printed circuit terminal block connection
2908469 PHOENIX-2908469 Datasheet
52Kb / 3P
Housing upper part, for printed circuit terminal block connection
2909769 PHOENIX-2909769 Datasheet
47Kb / 2P
Housing upper part, for printed circuit terminal block connection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com