Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906843 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906843
Description  Housing upper part, for printed circuit terminal block connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906843 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906843 Datasheet HTML 1Page - PHOENIX CONTACT 2906843 Datasheet HTML 2Page - PHOENIX CONTACT 2906843 Datasheet HTML 3Page - PHOENIX CONTACT 2906843 Datasheet HTML 4Page - PHOENIX CONTACT 2906843 Datasheet HTML 5Page - PHOENIX CONTACT 2906843 Datasheet HTML 6Page - PHOENIX CONTACT 2906843 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/2906843
26.06.2013   Page 2 / 7
Electronic housing - ME 17,5 OT-MKDSO GN - 2906843
Technical data
General
Housing type
Upper part
Housing material
Polyamide
Color
green
Dimensions
Constructional height
38.5 mm
Width
17.5 mm
Technical data
Number of positions
12
Number of positions
24
Classifications
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC001031
ETIM 5.0
EC000886
UNSPSC
UNSPSC 11
31261501
UNSPSC 12.01
31261501
UNSPSC 13.2
31261501
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27141190
eCl@ss 6.0
27141190
eCl@ss 7.0
27141190
Approvals
Approvals



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com