Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906869 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906869
Description  Filler plugs, for unoccupied terminal points
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906869 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906869 Datasheet HTML 1Page - PHOENIX CONTACT 2906869 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2906869
10/04/2018   Page 1 / 2
Electronic housing - ME B-17,5 MSTBO GN - 2906869
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Filler plugs, for unoccupied terminal points
The figure shows different articles
for putting together the upper part
of the housing
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4017918126490
Technical data
General
Housing type
Component housing
Housing material
Polyamide
Color (RAL)
green
Dimensions
Width
17.5 mm
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Approvals
Approvals


Similar Part No. - 2906869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906860 PHOENIX-2906860 Datasheet
500Kb / 9P
TTC-6-GDT-C-24AC-PT-I - Surge protection device
2906861 PHOENIX-2906861 Datasheet
336Kb / 7P
Surge protection device - TTC-6-GDT-C-110AC-PT-I
03/25/2022
2906862 PHOENIX-2906862 Datasheet
497Kb / 9P
TTC-6-GDT-D-24AC-PT-I - Surge protection device
2906863 PHOENIX-2906863 Datasheet
497Kb / 9P
TTC-6-GDT-D-60AC-PT-I - Surge protection device
More results

Similar Description - 2906869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2706959 PHOENIX-2706959 Datasheet
54Kb / 2P
Filler plug for unoccupied terminal points, color: Light gray
2707929 PHOENIX-2707929 Datasheet
48Kb / 2P
Filler plug for unoccupied terminal points, color: Light gray
2709176 PHOENIX-2709176 Datasheet
45Kb / 2P
Filler plugs, for unoccupied terminal points
2853776 PHOENIX-2853776 Datasheet
45Kb / 2P
Filler plugs, for unoccupied terminal points
2906856 PHOENIX-2906856 Datasheet
95Kb / 4P
Filler plugs, for unoccupied terminal points
2906872 PHOENIX-2906872 Datasheet
95Kb / 4P
Filler plugs, for unoccupied terminal points
2907143 PHOENIX-2907143 Datasheet
54Kb / 2P
Filler plugs, for unoccupied terminal points
2907156 PHOENIX-2907156 Datasheet
47Kb / 2P
Filler plugs, for unoccupied terminal points
2907965 PHOENIX-2907965 Datasheet
54Kb / 2P
Filler plugs, for unoccupied terminal points
3062757 PHOENIX-3062757 Datasheet
54Kb / 3P
Filler plugs - CEC 2,5
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com