Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMBF Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # P6SMBF
Description  Surface Mount Transient Voltage Suppressor Power 600W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

P6SMBF Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  P6SMBF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. P6SMBF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. P6SMBF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. P6SMBF Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics at Ta = 25
°C
Type
Reverse
Stand-off
Voltage
Breakdown
Voltage
VRMW
VBR @ I
T
Min
Max
V
V
V
Test
Current
Reverse
Leakage
Max. Clamp
Voltage
Peak Pulse
Current
I
T
mA
VC @ I
PP
I
PP
V
A
Table 1
UNI
BI
μA
SMBF
Package
Device Marking Ccode
UNI
BI
600W Transient Voltage Suppresso
P6SMBF6.8A
P6SMBF7.5A
P6SMBF8.2A
P6SMBF9.1A
P6SMBF10A
P6SMBF11A
P6SMBF12A
P6SMBF13A
P6SMBF15A
P6SMBF16A
P6SMBF18A
P6SMBF20A
P6SMBF22A
P6SMBF24A
P6SMBF27A
P6SMBF30A
P6SMBF33A
P6SMBF36A
P6SMBF39A
P6SMBF43A
P6SMBF47A
P6SMBF51A
P6SMBF56A
P6SMBF58A
P6SMBF62A
P6SMBF68A
P6SMBF75A
P6SMBF82A
P6SMBF91A
P6SMBF100A
P6SMBF110A
P6SMBF120A
P6SMBF130A
P6SMBF150A
P6SMBF160A
P6SMBF170A
P6SMBF180A
P6SMBF200A
P6SMBF220A
P6SMBF250A
P6SMBF300A
P6SMBF350A
P6SMBF400A
P6SMBF440A
P6SMBF480A
P6SMBF510A
P6SMBF530A
P6SMBF540A
P6SMBF550A
P6SMBF6.8CA
P6SMBF7.5CA
P6SMBF8.2CA
P6SMBF9.1CA
P6SMBF10CA
P6SMBF11CA
P6SMBF12CA
P6SMBF13CA
P6SMBF15CA
P6SMBF16CA
P6SMBF18CA
P6SMBF20CA
P6SMBF22CA
P6SMBF24CA
P6SMBF27CA
P6SMBF30CA
P6SMBF33CA
P6SMBF36CA
P6SMBF39CA
P6SMBF43CA
P6SMBF47CA
P6SMBF51CA
P6SMBF56CA
P6SMBF58CA
P6SMBF62CA
P6SMBF68CA
P6SMBF75CA
P6SMBF82CA
P6SMBF91CA
P6SMBF100CA
P6SMBF110CA
P6SMBF120CA
P6SMBF130CA
P6SMBF150CA
P6SMBF160CA
P6SMBF170CA
P6SMBF180CA
P6SMBF200CA
P6SMBF220CA
P6SMBF250CA
P6SMBF300CA
P6SMBF350CA
P6SMBF400CA
P6SMBF440CA
P6SMBF480CA
P6SMBF510CA
P6SMBF530CA
P6SMBF540CA
P6SMBF550CA
5.8
6.4
7.02
7.78
8.55
9.4
10.2
11.1
12.8
13.6
15.3
17.1
18.8
20.5
23.1
25.6
28.2
30.8
33.3
36.8
40.2
43.6
47.8
52.78
53
58.1
64.1
70.1
77.8
85.5
94
102
111
128
136
145
154
171
185
214
256
300
342
376
408
434
451
460
468
6.45
7.13
7.79
8.65
9.5
10.5
11.4
12.4
14.3
15.2
17.1
19
20.9
22.8
25.7
28.5
31.4
34.2
37.1
40.9
44.7
48.5
53.2
55.1
58.9
64.6
71.3
77.9
86.5
95
105
114
124
143
152
162
171
190
209
237
285
332
380
418
456
485
503.5
513
522.5
7.14
7.88
8.61
9.55
10.5
11.6
12.6
13.7
15.8
16.8
18.9
21
23.1
25.2
28.4
31.5
34.7
37.8
41
45.2
49.4
53.6
58.8
60.9
65.1
71.4
78.8
86.1
95.5
105
116
126
137
158
168
179
189
210
231
263
315
368
420
462
504
535
556.5
567
577.5
1000
500
200
50
10
5
5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.5
11.3
12.1
13.4
14.5
15.6
16.7
18.2
21.2
22.5
25.5
27.7
30.6
33.2
37.5
41.4
45.7
49.9
53.9
59.3
64.8
70.1
77
79.8
85
92
103
113
125
137
152
165
179
207
219
234
246
274
328
344
414
482
548
602
658
698
725
740
760
58.1
54
50.4
45.5
42.1
39.1
36.5
33.5
28.8
27.1
24.2
22
19.9
18.4
16.3
14.7
13.3
12.2
11.3
10.3
9.4
8.7
7.9
7.7
7.2
6.6
5.9
5.4
4.9
4.5
4
3.7
3.4
2.9
2.8
2.6
2.5
2.2
1.9
1.8
1.5
1.3
1.1
1
0.9
0.9
0.8
0.8
0.8
6V8A
7V5A
8V2A
9V1A
10A
11A
12A
13A
15A
16A
18A
20A
22A
24A
27A
30A
33A
36A
39A
43A
47A
51A
56A
58A
62A
68A
75A
82A
91A
100A
110A
120A
130A
150A
160A
170A
180A
200A
220A
250A
300A
350A
400A
440A
480A
510A
530A
540A
550A
6V8C
7V5C
8V2C
9V1C
10C
11C
12C
13C
15C
16C
18C
20C
22C
24C
27C
30C
33C
36C
39C
43C
47C
51C
56C
58C
62C
68C
75C
82C
91C
100C
110C
120C
130C
150C
160C
170C
180C
200C
220C
250C
300C
350C
400C
440C
480C
510C
530C
540C
550C
Maximum
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
http://www.trr-jx.com
version: 02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com