Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5V0X1BA2LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0X1BA2LP
Description  ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0X1BA2LP Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0X1BA2LP Datasheet HTML 1Page - Diodes Incorporated D5V0X1BA2LP Datasheet HTML 2Page - Diodes Incorporated D5V0X1BA2LP Datasheet HTML 3Page - Diodes Incorporated D5V0X1BA2LP Datasheet HTML 4Page - Diodes Incorporated D5V0X1BA2LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D5V0X1BA2LP
Document number: DS37657 Rev. 1 - 2
3 of 5
www.diodes.com
January 2018
© Diodes Incorporated
D5V0X1BA2LP
Figure 6 ESD Response to IEC 61000-4-2
(+8kV Contact Discharge)
Figure 7 ESD Response to IEC 61000-4-2
(-8kV Contact Discharge)
0
t, TIME (祍 )
Figure 3 Pulse Waveform
20
40
60
100
50
0
Peak Value Ipp
Half Value I
/2
pp
8x20 Waveform
as defined by R.E.A.
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
Figure 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
20ns/div
40V/div
20ns/div
40V/div
0
5
10
15
20
25
30
TLP VOLTAGE (V)
Figure 8 Transmission Line Pulsing (TLP) Current vs. Voltage
0.1
1
10
100
0
1
2
3
4
5
6
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
R
E
V
E
R
S
E
C
U
R
R
E
N
T
(
n
A
)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Figure 4 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = -55°C
A
t, TIME (ns)
t, TIME (ns)
(µs)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com