Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DESD2FLEX2SOQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DESD2FLEX2SOQ
Description  FLEXRAY BUS ESD PROTECTION DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DESD2FLEX2SOQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DESD2FLEX2SOQ Datasheet HTML 1Page - Diodes Incorporated DESD2FLEX2SOQ Datasheet HTML 2Page - Diodes Incorporated DESD2FLEX2SOQ Datasheet HTML 3Page - Diodes Incorporated DESD2FLEX2SOQ Datasheet HTML 4Page - Diodes Incorporated DESD2FLEX2SOQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DESD2FLEX2SOQ
Document number: DS39060 Rev. 2 - 2
2 of 5
www.diodes.com
November 2016
© Diodes Incorporated
DESD2FLEX2SOQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
230
W
8/20µs, per Figure 1
Peak Pulse Current
IPP
5
A
8/20µs, per Figure 1
ESD Protection
– Contact Discharge
VESD_Contact
±30
kV
IEC 61000-4-2 Standard
ESD Protection
– Air Discharge
VESD_Air
±30
kV
IEC 61000-4-2 Standard
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 6)
RJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Standoff Voltage
VRWM
—
—
24
V
—
Channel Leakage Current (Note 7)
IRM
—
<1
10
nA
VRWM = 24V
Clamping Voltage, Positive Transients
VCL
—
—
34
V
IPP = 1A, tP = 8/20μs, Figure 1
—
—
41
IPP = 5A, tP = 8/20μs, Figure 1
Breakdown Voltage
VBR
25.4
28.0
30.3
V
IR = 1mA
Differential Resistance
RDIF
—
0.4
—
Ω
IR = 1A, tP = 8/20μs
Channel Input Capacitance
CT
—
25
30
pF
VR = 0V, f = 5MHz
Notes:
6. Device mounted on FR-4 PCB pad layout (2oz copper) as shown in Diodes Incorporated
’s package outline PDFs, which can be found on our website at
http://www.diodes.com/package-outlines.html.
7. Short duration pulse test used to minimize self-heating effect.
-10
0
10
20 30
40
50 60
70
80 90 100
TIME (ns)
Figure 2 ESD Discharge Current Wave Form
IEC 6100-4-2 (330 /150pF)
Rise time = 0.7ns to 1ns
0
20
40
60
80
100
120
27
53
80
40
20
0
t, TIME (µs)
Figure 1 Pulse Waveform
100
50
0
I
,
P
E
A
K
P
U
L
S
E
C
U
R
R
E
N
T
(
%
I
)
P
P
P
P
t = 8µs
R
Peak Value I
PP
Half Value I
PP/2
8x20 Waveform
as defined by R.E.A.
tP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com