Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3873BL-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3873BL-AG6-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3873BL-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UC3873BL-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC3873BL-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC3873BL-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3873BL-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3873BL-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3873BL-AG6-R Datasheet HTML 6Page - Unisonic Technologies UC3873BL-AG6-R Datasheet HTML 7Page - Unisonic Technologies UC3873BL-AG6-R Datasheet HTML 8Page - Unisonic Technologies UC3873BL-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UC3873B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R103-093.B
REFRENCE CIRCUIT 12W (5V/2.4A)
BOM
Reference
Component
Reference
Component
BD1
BD 1A/600V
R1, R2
R 1.5MΩ 1206
C2
EC 22μF/400V 105°C
R3
R 200KΩ 1206
C1
EC 4.7μF/400V 105°C
R4
R 0Ω 0805
C3
CC 0.01μF/1000V
R5
R 10Ω 0805
C4
EC 10μF/50V
R6
R 43Ω 1206
C5, C13
CC 104P/25V 0805
R7, R7A
R 2Ω 1206
C8
CC 102P/25V 0805
R8
R 51KΩ 1206
C9
CC 222P/100V 1206
R9
NTC R 12KΩ 0805
C10, C11
EC 470u/16V 105°C
R10
R 22Ω 1206
C12
CC 222P/16V 0805
R12
R 820Ω 0805
D2
Diode FR107
R13
R 2.2KΩ 0805
D3
Diode FR102
R14
R 1KΩ 0805
D4
Diode 1N4148_SOD-123
R15, R16
R 22KΩ 0805 ±1%
D5
Diode SB2040_TO-220F
R17
R 330KΩ 0805 ±1%
F1
Fuse 2A/250VAC
R18
R 220Ω 1206
L1
10μH 6mm
T1
EE-22
L2
1mH 6×8mm
U1
IC UC3873
Q1
4N60_TO-220F
U2
TL431
U3
PC817B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com