Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90809 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90809
Description  Relative Pressure Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90809 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90809 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90809 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MLX90809
Relative Pressure Sensor
Page 2 of 14
REVISION 004 – JULY 2017
390109080901
4. Functional Diagram
OPA
ADC
Temperature
sensor
Gain & Offset
compensation
16 bits
DSP
Rom
FW
Ram
EE
PROM
Pressure Linearization
Gain & Offset temperature
compensation
Programmable filter
Micro controller
DAC
Gain
Analog
Output
12 bits
Slew
rate
control
SENT
Output
Piezoresistive
sensing element
Overvoltage &
reverse voltage
protection
Analog & Digital
Regulator and
POR
Broken wire
detection
SENT driver
Analog driver
Ground
Vext
Diagnostic signals
Diagnostics Logic
Test
M
U
X
5. General Description
The MLX90809 is a packaged, factory calibrated, integrated relative pressure sensor delivering a ratiometric
analog or digital (using the SENT protocol) signal.
Use of an optimized architecture and a high density CMOS technology imparts the MLX90809 with best in class
automotive EMC performance. A DSP based architecture using a 16bit microcontroller provides outstanding
performance.
A smart package and die assembly concept suits applications with stringent automotive temperature and stress
conditions needing small drift over life.
6. Glossary of Terms
Bar: Pressure unit (1bar = 100kPa)
ADC: Analog to Digital Converter
DAC: Digital to Analog Converter
DSP: Digital Signal Processor
EMC: Electro Magnetic Compatibility
SENT: Single Edge Nibble Transmission
FSO: Full Span Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com