Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2300SC Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SP2300SC
Description  Thyistor Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SP2300SC Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SP2300SC Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SP2300SC Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SP2300SC Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Solder Reflow Recommendations
●
Recommended reflow methods: IR, vapor
phase oven, hot air oven, wave solder.
●
The device can be exposed to a maximum
temperature of 265°C for 10 seconds.
●
Devices can be cleaned using standard
industry methods and solvents.
Notes: If reflow temperatures exceed the
recommended profile, devices may
not meet the performance requirements.
Product Dimensions
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.134
0.155
3.40
3.94
B
0.205
0.22
5.21
5.59
C
0.075
0.083
1.90
2.11
D
0.166
0.185
4.22
4.70
E
0.036
0.056
0.91
1.42
F
0.073
0.087
1.85
2.2
G
0.002
0.008
0.05
0.20
H
0.077
0.094
1.95
2.40
J
0.043
0.053
1.09
1.35
K
0.008
0.014
0.20
0.35
L
0.039
0.049
0.99
1.24
A
C
D
B
H
K
E
J
F
L
G
.079
(2 0)
.079
(2.0)
0.110
(2.8)
http://www.trr-jx.com
version: 02
Part Numbering System
SP
XXX
S
C
(A)
(B)
(C)
(D)
(A) Semiconductor Surge Arrester.
(B) Series:0060,0300,0640......3500,3800,4200etc.
(C) T:Package:DO-214AA(SMB)
(D) Rating Sure Voltage:C:≧6KV(10/700μs )
Thyistor Surge Protector
SP2300SC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com