Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR220L Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SR220L
Description  LOW VF SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SR220L Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SR220L Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SR220L Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· High current capability
· High surge current capability
· Low forward voltage drop
free wheeling, and porlarlity protection applications
MECHANICAL DATA
Case: Molded plastic, DO-15
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.015ounce, 0.4gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 2.0A DC and 25℃
VF
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
℃
/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient 0.375"(9.5mm) lead length P.C.B. Mounted
IR
Amp
Amp
mAmp
I(AV)
IFSM
-55 to +150
0.5
20
180
60
· Exceeds environmental standards of MIL-S-19500/228
· For use in low voltage, high frequency inverters
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
SR220L THRU SR260L
2.0
50
SR220L
SR260L
20
60
20
60
14
42
SR240L
40
40
28
0.45
0.55
-55 to +125
Dimensions in inches and (millimeters)
0.40
LOW VF SCHOTTKY BARRIER RECTIFIERS
DO-15
http://www.trr-jx.com
version: 02


Similar Part No. - SR220L

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SR220L CHONGQING-SR220L Datasheet
177Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
SR220L CHENDA-SR220L Datasheet
224Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SR220L GXELECTRONICS-SR220L Datasheet
325Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR220L

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL3030CT SIRECTIFIER-SBL3030CT Datasheet
100Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL3050PT SIRECTIFIER-SBL3050PT Datasheet
124Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
MBR20100L JUXING-MBR20100L Datasheet
2Mb / 2P
Low VF Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
MBRD1045LT CHENDA-MBRD1045LT Datasheet
919Kb / 4P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
MBR30200L JUXING-MBR30200L Datasheet
1Mb / 2P
Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com