Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN2510F-R47M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRN2510F-R47M
Description  Semi-Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN2510F-R47M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRN2510F-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRN2510F-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRN2510F-R47M Datasheet HTML 3Page - Bourns Electronic Solutions SRN2510F-R47M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRN2510FSeries–Semi-ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Soldering Profile
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
L vs. I Charts
SRN2510F-R24M
0.4
0.3
0.2
0.1
0
02.5
57.5
10
DC Current (A)
SRN2510F-R33M
0.6
0.45
0.3
0.15
0
02.5
57.5
10
DC Current (A)
SRN2510F-R47M
0.8
0.6
0.4
0.2
0
0
2468
DC Current (A)
SRN2510F-R68M
1.2
0.9
0.6
0.3
0
01.5
34.5
6
DC Current (A)
01
23
45
2
1.5
1
0.5
0
DC Current (A)
SRN2510F-1R0M
SRN2510F-1R5M
2.8
2.1
1.4
0.7
0
DC Current (A)
01
23
4
SRN2510F-2R2M
4
3
2
1
0
00.7
1.42.1
2.8
DC Current (A)
SRN2510F-4R7M
8
6
4
2
0
DC Current (A)
00.5
11.5
2
SRN2510F-3R3M
6.0
4.5
3.0
1.5
0
DC Current (A)
00.5
11.5
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com