Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN2510F-R68M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN2510F-R68M
Description  Semi-Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN2510F-R68M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN2510F-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRN2510F-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRN2510F-R68M Datasheet HTML 3Page - Bourns Electronic Solutions SRN2510F-R68M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Semi-shieldedconstruction
n
Miniaturesize
n
Lowprofile,1mm
n
Flatwire
n
LowDCR
n
RoHScompliant*andhalogenfree**
Applications
n
DC/DCconverters
n
Notebookcomputers
n
Digitalvideocameras
n
HDDs
n
Cellphones
n
TV,LCDdisplays
SRN2510FSeries–Semi-ShieldedPowerInductors
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Rated Current
............ Inductance drops 30 % at Isat
Temperature Rise .....40 °C at rated Irms
MSL ......................................................1
ESD Classification (HBM).................N/A
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
@ 1 MHz / 1 V
SRF
(MHz)
Ref.
DCR
(Ω)
Typ.
DCR
(Ω)
Max.
I rms
(A)
Typ.
I sat
(A)
Typ.
L (µH)
Tol. %
SRN2510F-R24M
0.24
± 20 %
180
0.018
0.022
5.5
9.5
SRN2510F-R33M
0.33
± 20 %
150
0.023
0.028
5.3
8.0
SRN2510F-R47M
0.47
± 20 %
120
0.027
0.035
4.6
7.0
SRN2510F-R68M
0.68
± 20 %
90
0.032
0.040
4.2
5.5
SRN2510F-1R0M
1.00
± 20 %
60
0.044
0.053
3.5
4.9
SRN2510F-1R5M
1.50
± 20 %
55
0.062
0.074
3.2
3.8
SRN2510F-2R2M
2.20
± 20 %
40
0.078
0.093
2.6
2.8
SRN2510F-3R3M
3.30
± 30 %
30
0.125
0.150
2.0
2.1
SRN2510F-4R7M
4.70
± 20 %
20
0.180
0.216
1.7
1.7
General Specifications
Core.......................................Metal alloy
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Coating .................Magnetic epoxy resin
Packaging....... 2000 pcs. per 7-inch reel
Materials
Schematic
How to Order
SRN2510F - R33M
Model
Value Code (see table)
Product Dimensions
2.9
(.114)
2.4
(.094)
1.0
(.039)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
2.5+0.2/-0.1
(.098+.008./-.004)
1.0
(.039)
MAX.
1.0
(.039)
REF.
0.75
(.030)
REF.
0.75
(.030)
REF.
2.0+0.2/-0.1
(.079+.008/-.004)
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


Similar Part No. - SRN2510F-R68M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2510 BOURNS-SRN2510 Datasheet
219Kb / 3P
SRN2510 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2510-1R0M BOURNS-SRN2510-1R0M Datasheet
219Kb / 3P
SRN2510 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2510-2R2M BOURNS-SRN2510-2R2M Datasheet
219Kb / 3P
SRN2510 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2510-R24M BOURNS-SRN2510-R24M Datasheet
219Kb / 3P
SRN2510 Series - Semi-shielded Power Inductors
REV. 12/14
SRN2510-R47M BOURNS-SRN2510-R47M Datasheet
219Kb / 3P
SRN2510 Series - Semi-shielded Power Inductors
REV. 12/14
More results

Similar Description - SRN2510F-R68M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com