Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAF110C Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMAF110C
Description  Surface mount transient voltage suppressor power 200 watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMAF110C Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMAF110C Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF110C Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF110C Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF110C Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF110C Datasheet HTML 5Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Characteristics at Ta = 25
°C
Type
Reverse
Stand-off
Voltage
Breakdown
Voltage
VRMW
VBR @ I
T
Min
Max
V
V
V
Test
Current
Reverse
Leakage
Max. Clamp
Voltage
Peak Pulse
Current
I
T
mA
μA
IR @ V
RWM
VC @ I
PP
I
PP
V
A
Table 1
UNI
BI
μA
UNI
BI
SMAF
Package
Device Marking Ccode
UNI
BI
SMAF45A
SMAF48
SMAF48A
SMAF51
SMAF51A
SMAF54
SMAF54A
SMAF58
SMAF58A
SMAF60
SMAF60A
SMAF64
SMAF64A
SMAF70
SMAF70A
SMAF75
SMAF75A
SMAF78
SMAF78A
SMAF85
SMAF85A
SMAF90
SMAF90A
SMAF100
SMAF100A
SMAF110
SMAF110A
SMAF120
SMAF120A
SMAF130
SMAF130A
SMAF150
SMAF150A
SMAF160
SMAF160A
SMAF170
SMAF170A
SMAF180
SMAF180A
SMAF190
SMAF190A
SMAF200
SMAF200A
SMAF220
SMAF220A
SMAF45CA
SMAF48C
SMAF48CA
SMAF51C
SMAF51CA
SMAF54C
SMAF54CA
SMAF58C
SMAF58CA
SMAF60C
SMAF60CA
SMAF64C
SMAF64CA
SMAF70C
SMAF70CA
SMAF75C
SMAF75CA
SMAF78C
SMAF78CA
SMAF85C
SMAF85CA
SMAF90C
SMAF90CA
SMAF100C
SMAF100CA
SMAF110C
SMAF110CA
SMAF120C
SMAF120CA
SMAF130C
SMAF130CA
SMAF150C
SMAF150CA
SMAF160C
SMAF160CA
SMAF170C
SMAF170CA
SMAF180C
SMAF180CA
SMAF190C
SMAF190CA
SMAF200C
SMAF200CA
SMAF220C
SMAF220CA
45
48
48
51
51
54
54
58
58
60
60
64
64
70
70
75
75
78
78
85
85
90
90
100
100
110
110
120
120
130
130
150
150
160
160
170
170
180
180
190
190
200
200
220
220
50
53.3
53.3
56.7
56.7
60
60
64.4
64.4
66.7
66.7
71.1
71.1
77.8
77.8
83.3
83.3
86.7
86.7
94.4
94.4
100
100
111
111
122
122
133
133
144
144
167
167
178
178
189
189
200
200
211
211
222
222
243
243
55.3
65.1
58.9
69.3
62.7
73.3
66.3
78.7
71.2
81.5
73.7
86.9
78.6
95.1
86
102
92.1
106
95.8
115
104
122
111
136
123
149
135
163
147
176
159
204
185
218
197
231
209
243
220
254
230
264
239
282
255
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
72.7
85.5
77.4
91.1
82.4
96.3
87.1
103
93.6
107
96.8
114
103
125
113
134
121
139
126
151
137
160
146
179
162
196
177
214
193
231
209
268
243
287
259
304
275
323
291
341
307
361
323
386
356
5.5
4.7
5.2
4.4
4.9
4.2
4.6
3.9
4.3
3.7
4.1
3.5
3.9
3.2
3.5
3
30
2.9
3.2
2
2.2
1.9
2.1
1.7
1.9
1.5
1.7
1.4
1.6
1.3
1.4
1.1
1.2
1.1
1.2
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
45A
48V
48A
51V
51A
54V
54A
58V
58A
60V
60A
64V
64A
70V
70A
75V
75A
78V
78A
85V
85A
90V
90A
100V
100A
110V
110A
120V
120A
130V
130A
150V
150A
160V
160A
170V
170A
180V
180A
190V
190A
200V
200A
220V
220A
45D
48C
48D
51C
51D
54C
54D
58C
58D
60C
60D
64C
64D
70C
70D
75C
75D
78C
78D
85C
85D
90C
90D
100C
100D
110C
110D
120C
120D
130C
130D
150C
150D
160C
160D
170C
170D
180C
180D
190C
190D
200C
200D
220C
220D
,
Surface mount transient voltage suppressor power 200 watts
SMAF5.0A THRU SMAF220A
http://www.trr-jx.com
version: 02



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com