Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3322 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC3322
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3322 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC3322 Datasheet HTML 1Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 6Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC3322
3
0
Case Temperature TC (°C)
Maximum Collector Dissipation Curve
50
100
150
40
120
80
0.001
0.01
0.1
1.0
10
Collector to emitter Voltage VCE (V)
1
3
10
30
100
300
1,000
Area of Safe Operation
iC (peak)
IC (max)
Ta = 25
°C, 1 Shot Pulse
Case temperature TC (°C)
0
Collector Current Derating Rate
50
100
150
20
40
60
80
100
IS/B
Limit
Area
0.01
0.03
0.1
0.3
1.0
3
10
0.01
0.1
1.0
10 (s)
0.01
0.1
1.0
10 (ms)
Transient Thermal Resistance
Time t
10 ms–10
s
10 µ
s–10
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com