Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP60NF06FP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STP60NF06FP
Description  Isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STP60NF06FP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STP60NF06FP Datasheet HTML 1Page - Inchange Semiconductor Company Limited STP60NF06FP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
Isc N-Channel MOSFET Transistor
STP60NF06FP
·
FEATURES
·
Typical RDS(on)=0.08Ω
·
With low gate drive requirements
·
Easy to drive
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
APPLICATIONS
·
Solenold and relay dirvers
·
DC-DC converters
·
Automotive environment
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous@TC=25℃
TC=100℃
11
7.5
A
IDM
Drain Current-Single Pulsed
44
A
PD
Total Dissipation
25
W
Tj
Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature
-55~175
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
6
℃
/W
Rth(ch-a)
Channel-to-ambient thermal resistance
62.5
℃
/W


Similar Part No. - STP60NF06FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
367Kb / 9P
N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Apr-2002
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET™ POWER MOSFET
Jan-2002
logo
VBsemi Electronics Co.,...
STP60NF06FP VBSEMI-STP60NF06FP Datasheet
925Kb / 7P
N-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
275Kb / 12P
N-channel 60V - 0.014Ω - 30A TO-220FP STripFET II™ Power MOSFET
14-Mar-2007
STP60NF06FP STMICROELECTRONICS-STP60NF06FP_V01 Datasheet
275Kb / 12P
N-channel 60V - 0.014Ω - 30A TO-220FP STripFET II™ Power MOSFET
14-Mar-2007
More results

Similar Description - STP60NF06FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com