Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS24L Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS24L
Description  Surface Mount Low VF Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS24L Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS24L Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS24L Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.trr-jx.com
version: 02
(TA=25 ℃ unless otherwise noted)
Characteristic Curves
SS24L~SS220L
Surface Mount Low VF Schottky Rectifiers
SS24L-SS25L
A
0.01
0.1
1.0
10
0
0.4
0.8
1.2
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ. Forward Characteristics
F
SS26L
T - 25ºC
I Pulse Width = 300 s
F
µ
0
1.0
2.0
25
50
75
100
125
150
Fig. 1 Forward Current Derating Curve
SS28L- SS210L
SS215L-SS220L
0
15
30
45
60
75
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
°
A
.4T
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig
ypical Reverse Characteristics (per element)
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
Lead Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com