Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS34L Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS34L
Description  Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS34L Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS34L Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS34L Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.trr-jx.com
version: 02
Maximum Ratings and Electrical Characteristics Rating at 25 oC
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%
Features
●
Low profile package
●
Ideal for automated placement
●
Fast switching for high efficiency
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case:
JEDEC DO-214AA molded plastic
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
body
@IF=3.0A
0.2
0.1
80
75
0.6
0.5
0.45
0.85
250
2)
CJ
L
A
STG
J
@T =100
@T =25
@T =90
RRM
5
10
(JEDEC
T
mA
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
℃
3.0
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load
Method)
IFSM
A
Forward Voltage
VFM
V
Peak Reverse Current
℃
IR
mA
At Rated DC Blocking Voltage
℃
Typical Junction Capacitance
pF
Operating Temperature Range
T
-55 to+150
℃
Storage Temperature Range
-55 to +150
℃
(Note
A
140
40
60
80
28
42
56
40
60
80
70
200
100
100
200
℃/W
JA
(Note 3)
Rθ
Typical Thermal Resistance per leg
IF(AV)
Rating for fusing (t <8.3ms)
I
2
t
26.56
A s
2
I
2
t
1)
(Note
2.
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
3.Thermal Resistance from Junction to lead mounted on P.C.B. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper pad areas.
SS 34L SS36L SS38L SS310L
SS320L
SS
105
150
150
315L
Surface Mount Schottky Barrier Rectifiers
SS32L THRU SS320L


Similar Part No. - SS34L

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS34L FORMOSA-SS34L Datasheet
418Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
SS34L TSC-SS34L Datasheet
201Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Taiwan Semiconductor Co...
SS34L TSC-SS34L Datasheet
205Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Nanjing International G...
SS34L DGNJDZ-SS34L Datasheet
248Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS34L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com