Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS36L Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS36L
Description  Surface Mount Low VF Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS36L Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS36L Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS36L Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.trr-jx.com
version: 02
SS32L~SS36L
Surface Mount Low VF Schottky Rectifiers
Features
●
Low profile package
●
Ideal for automated placement
●
Ultrafast reverse recovery time
●
Low power losses, high efficiency
●
Low forward voltage drop
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
SS34L~SS320L
CJ
RRM
V
L
STG
J
JL
@T =100
@T =25
@T =100
5
10
0.05
0.1
@IF=3.0A
80
3.0
SS
SS
SS
SS
SS
SS
T
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
℃
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
V
Peak Reverse Current
℃
IR
mA
At Rated DC Blocking Voltage
℃
Typical Junction Capacitance
(Note 2)
28.0
℃/W
Rθ
88
Operating Temperature Range
T
-55 to+150
℃
Storage Temperature Range
-55 to +150
℃
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
105
70
56
150
100
80
80
60
40
40
60
28
42
100
150
0.75
0.45
0.55
(Note1)
A
A
pF
Typical Thermal Resistance per leg
34L
36L
38L
310L
315L
320L
140
200
200
0.85
SS
50
50
35
35L
IF(AV)
Rating for fusing (t<8.3ms)
I t
26.56
A s
2
2
●
plastic
Case: JEDEC DO-214AC
molded
(SMA)
SMA/DO-214AC
0.094(2.40)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.075(1.90)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.185(4.70)
0.012(0.305)
0.006(0.150)
Dimensions in inches and (millimeters)
0.010(0.25)
0.004(0.1)


Similar Part No. - SS36L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS36L TSC-SS36L Datasheet
205Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Chongqing Pingwei Enter...
SS36L CHONGQING-SS36L Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jing Heng Electro...
SS36L JINGHENG-SS36L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Jiangsu High diode Semi...
SS36L HDSEMI-SS36L Datasheet
1Mb / 4P
SMCK Plastic-Encapsulate Diodes
logo
Gaomi Xinghe Electronic...
SS36L GXELECTRONICS-SS36L Datasheet
459Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS36L

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SL12 JUXING-SL12 Datasheet
992Kb / 2P
Surface Mount Low VF Schottky Rectifiers
DSK24L JUXING-DSK24L Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SS14L JUXING-SS14L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L JUXING-SS54L_18 Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS54L_18 JUXING-SS54L_18_01 Datasheet
2Mb / 2P
Surface Mount Low VF Schottky Rectifiers
SS545LF JUXING-SS545LF Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SSL12F JUXING-SSL12F Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
SSL545BF JUXING-SSL545BF Datasheet
806Kb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK12L JUXING-DSK12L_19 Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
DSK34L JUXING-DSK34L_V01 Datasheet
809Kb / 3P
Surface Mount Low VF Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com