Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R005 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-R005
Description  PTC Resettable Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R005 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-R005 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 4Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 5Page - Bourns Electronic Solutions MF-R005 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific disclaimers as set forth on the last page of this document, and at www.bourns.com/legal/disclaimer.pdf.
MF-RSeries-PTCResettableFuses
Typical Time to Trip at 23 ºC
MF-R SERIES, REV. AH, 11/17
How to Order
MF - R 110 - 0 - 99
Multifuse®
Product Designator
Series
R = Radial Leaded Component
Hold Current, Ihold
005-1100 (0.05 Amps - 11.0 Amps)
Packaging Options
- __ = Bulk Packaging without part
numbersuffixoption
- 0-99 = Bulk Packaging with part
numbersuffixoption
- 2 =
Tape and Reel without part
numbersuffixoption*
- 2-99 = Tape and Reel with part number
suffixoption*
-AP= Ammo-Pak*
- 0-14 = Kinked leads where straight
leads are standard
- 0-17 = Straight leads where kinked
leads are standard
PartNumberSuffixOption
- 99 = RoHS Compliancy
As of date code April 1, 2005 all MF-R
modelsareRoHScompliant.Thesuffix
“-99” can be used if a new part number
is required to reference the RoHS
compliance, but including the “-99”
suffix option is not recommended
for new designs.
*PackagedperEIA486-B
100
10
1
0.1
0.01
0.001
0.1
110
100
Fault Current (Amps)
100
10
1
0.1
0.01
0.001
1
10
100
Fault Current (Amps)
Typical Part Marking: MF-R005 - R025
Represents total content. Layout may vary.
Typical Part Marking: MF-R030 - R1100
Represents total content. Layout may vary.
025
7A S
PART
IDENTIFICATION
MANUFACTURER'S
TRADEMARK
DATE CODE:
WEEK 1 OF 2017 = 7A (YEAR & WEEK)
WEEK 27 OF 2017 = A7 (WEEK & YEAR)
MANUFACTURING
LOCATION:
S = CHINA
R250
7180 S
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE:
FIRST DIGIT = LAST DIGIT OF YEAR;
NEXT THREE DIGITS = DAY OF YEAR
MANUFACTURING
LOCATION:
T = TAIWAN
S = CHINA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com