Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3868 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC3868
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3868 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC3868 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3868 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3868 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SC3868
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
Cob —VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
40
30
10
25
35
20
5
15
(1)
(3)
(2)
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) Without heat sink
(P
C=2.0W)
Ambient temperature Ta (˚C)
010
8
26
4
0
2.0
1.6
1.2
0.8
0.4
1.8
1.4
1.0
0.6
0.2
T
C=25˚C
10mA
20mA
30mA
40mA
60mA
80mA
100mA
120mA
I
B=200mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
0.03
0.3
0.01
10
1
0.1
0.03
0.3
3
I
C/IB=5
–25˚C
25˚C
T
C=100˚C
Collector current I
C
(A)
0.01
3
1
0.1
0.03
0.3
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=5
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.01
0.1
1
0.03
0.3
1
1000
100
10
3
30
300
V
CE=5V
T
C=100˚C
–25˚C
25˚C
Collector current I
C
(A)
0.001
0.01
0.1
1
0.003
0.03
0.3
0.1
0.3
1
3
10
30
100
300
1000
V
CE=10V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
0.1
1
10
100
0.3
3
30
1
3
10
30
100
300
1000
3000
10000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
0
2.5
2.0
0.5
1.5
1.0
0.01
0.03
0.1
0.3
1
3
10
30
100
t
stg
t
f
t
on
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=5
(2I
B1=–IB2)
V
CC=150V
T
C=25˚C
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
Non repetitive pulse
T
C=25˚C
I
CP
I
C
DC
10ms
t=0.5ms
1ms
Collector to emitter voltage V
CE
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com